Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR13B554JD Datasheet(PDF) 29 Page - Kemet Corporation

Part # CSR13B554JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR13B554JD Datasheet(HTML) 29 Page - Kemet Corporation

Back Button CSR13B554JD Datasheet HTML 25Page - Kemet Corporation CSR13B554JD Datasheet HTML 26Page - Kemet Corporation CSR13B554JD Datasheet HTML 27Page - Kemet Corporation CSR13B554JD Datasheet HTML 28Page - Kemet Corporation CSR13B554JD Datasheet HTML 29Page - Kemet Corporation CSR13B554JD Datasheet HTML 30Page - Kemet Corporation CSR13B554JD Datasheet HTML 31Page - Kemet Corporation CSR13B554JD Datasheet HTML 32Page - Kemet Corporation CSR13B554JD Datasheet HTML 33Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
KEMET T252 SERIES
MIL-PRF-39003 (CSR33) CAPACITORS
DASH NUMBER REFERENCE
MAX.
FAILURE RATE LEVEL (%/1000 HRS.)
DISSI-
D.C.
PATION
KEMET
CAPACITANCE
LEAKAGE
FACTOR
EQUIVALENT
CAPACITANCE
CASE
TOLERANCE
µA@25°C
%@25°C,
M
P
R
S
B
C
D
MILITARY
µF
SIZE
±%
MAX.
120Hz
(1.0)
(0.1)
(0.01)
(0.001)
(0.1)
(0.01)
(0.001)
PART NUMBER
6 VOLT RATING AT 85°C
10.0
A
10
0.5
6
0001
0101
0201
0301
2001
3001
4001
T252A106K006(1)S
10.0
A
20
0.5
6
0002
0102
0202
0302
2002
3002
4002
T252A106M006(1)S
12.0
A
10
0.5
6
0003
0103
0203
0303
2003
3003
4003
T252A126K006(1)S
100.0
B
10
1.0
8
0004
0104
0204
0304
2004
3004
4004
T252B107K006(1)S
100.0
B
20
1.0
8
0005
0105
0205
0305
2005
3005
4005
T252B107M006(1)S
330.0
C
10
2.0
8
0006
0106
0206
0306
2006
3006
4006
T252C337K006(1)S
330.0
C
20
2.0
8
0007
0107
0207
0307
2007
3007
4007
T252C337M006(1)S
390.0
C
10
2.0
10
0008
0108
0208
0308
2008
3008
4008
T252C397K006(1)S
470.0
C
10
2.0
10
0009
0109
0209
0309
2009
3009
4009
T252C477K006(1)S
470.0
C
20
2.0
10
0010
0110
0210
0310
2010
3010
4010
T252C477M006(1)S
680.0
D
10
5.0
10
0011
0111
0211
0311
2011
3011
4011
T252D687K006(1)S
680.0
D
20
5.0
10
0012
0112
0212
0312
2012
3012
4012
T252D687M006(1)S
820.0
D
10
5.0
10
0013
0113
0213
0313
2013
3013
4013
T252D827K006(1)S
1000.0
D
10
5.0
10
0014
0114
0214
0314
2014
3014
4014
T252D108K006(1)S
1000.0
D
20
5.0
10
0015
0115
0215
0315
2015
3015
4015
T252D108M006(1)S
10 VOLT RATING AT 85°C
6.8
A
10
.5
6
0016
0116
0216
0316
2016
3016
4016
T252A685K010(1)S
6.8
A
20
.5
6
0017
0117
0217
0317
2017
3017
4017
T252A685M010(1)S
8.2
A
10
.5
6
0018
0118
0218
0318
2018
3018
4018
T252A825K010(1)S
47.0
B
10
1.0
6
0019
0119
0219
0319
2019
3019
4019
T252B476K010(1)S
47.0
B
20
1.0
6
0020
0120
0220
0320
2020
3020
4020
T252B476M010(1)S
56.0
B
10
1.0
6
0021
0121
0221
0321
2021
3021
4021
T252B566K010(1)S
68.0
B
10
1.0
6
0022
0122
0222
0322
2022
3022
4022
T252B686K010(1)S
68.0
B
20
1.0
6
0023
0123
0223
0323
2023
3023
4023
T252B686M010(1)S
82.0
B
10
1.0
6
0024
0124
0224
0324
2024
3024
4024
T252B826K010(1)S
220.0
C
10
1.0
8
0025
0125
0225
0325
2025
3025
4025
T252C227K010(1)S
220.0
C
20
1.0
8
0026
0126
0226
0326
2026
3026
4026
T252C227M010(1)S
270.0
C
10
2.0
8
0027
0127
0227
0327
2027
3027
4027
T252C277K010(1)S
390.0
D
10
2.0
10
0028
0128
0228
0328
2028
3028
4028
T252D397K010(1)S
470.0
D
10
4.0
10
0029
0129
0229
0329
2029
3029
4029
T252D477K010(1)S
470.0
D
20
4.0
10
0030
0130
0230
0330
2030
3030
4030
T252D477M010(1)S
560.0
D
10
4.0
10
0031
0131
0231
0331
2031
3031
4031
T252D567K010(1)S
15 VOLT RATING AT 85°C
4.7
A
10
.5
4
0032
0132
0232
0332
2032
3032
4032
T252A475K015(1)S
4.7
A
20
.5
4
0033
0133
0233
0333
2033
3033
4033
T252A475M015(1)S
5.6
A
10
.5
4
0034
0134
0234
0334
2034
3034
4034
T252A565K015(1)S
33.0
B
10
1.0
6
0035
0135
0235
0335
2035
3035
4035
T252B336K015(1)S
33.0
B
20
1.0
6
0036
0136
0236
0336
2036
3036
4036
T252B336M015(1)S
39.0
B
10
1.0
6
0037
0137
0237
0337
2037
3037
4037
T252B396K015(1)S
150.0
C
10
1.0
8
0038
0138
0238
0338
2038
3038
4038
T252C157K015(1)S
150.0
C
20
1.0
8
0039
0139
0239
0339
2039
3039
4039
T252C157M015(1)S
180.0
C
10
2.0
8
0040
0140
0240
0340
2040
3040
4040
T252C187K015(1)S
220.0
D
10
2.0
8
0041
0141
0241
0341
2041
3041
4041
T252D227K015(1)S
220.0
D
20
2.0
8
0042
0142
0242
0342
2042
3042
4042
T252D227M015(1)S
270.0
D
10
2.0
8
0043
0143
0243
0343
2043
3043
4043
T252D277K015(1)S
330.0
D
10
2.0
8
0044
0144
0244
0344
2044
3044
4044
T252D337K015(1)S
330.0
D
20
2.0
8
0045
0145
0245
0345
2045
3045
4045
T252D337M015(1)S
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T252 (CSR33) SERIES
32
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
RATINGS & PART NUMBER REFERENCE
MIL-PRF-39003/6C
EXPONENTIAL
MIL-PRF-39003/6C
GRADED
(1) To complete Part Number, insert Failure Rate Symbol in the 13th Character as shown on Page 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com