Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4476D Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4476D
Description  Dual Low Drop Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4476D Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4476D Datasheet HTML 1Page - Infineon Technologies AG TLE4476D Datasheet HTML 2Page - Infineon Technologies AG TLE4476D Datasheet HTML 3Page - Infineon Technologies AG TLE4476D Datasheet HTML 4Page - Infineon Technologies AG TLE4476D Datasheet HTML 5Page - Infineon Technologies AG TLE4476D Datasheet HTML 6Page - Infineon Technologies AG TLE4476D Datasheet HTML 7Page - Infineon Technologies AG TLE4476D Datasheet HTML 8Page - Infineon Technologies AG TLE4476D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TLE 4476
Data Sheet
5
Rev. 2.5, 2007-03-20
Note: In the operating range the functions given in the circuit description are fulfilled.
Table 3
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Output 1 input voltage
V
I1
4.5
42
V
1)
Output 2 input voltage
V
I1
5.7
42
V
2)
3.3 V regulator
output current
I
O1
0350
mA
–
5 V regulator
output current
I
O2
0430
mA
–
Junction temperature
T
j
-40
170
°C
3)
Thermal Resistances
Junction case
R
th,j-case
–3K/W
–
Junction ambient
R
th,j-a
–80
K/W
4)
1) Input voltage
V
I required for operation of output Q1
2) Input voltage
V
I required for operation of output Q2
3) The overtemperature protection is set to > 170
°C. The voltage regulator may not be operated continuously at
170
°C as device reliability will be reduced to 500 h statistic lifetime.
4) Worst case regarding peak temperature, zero airflow; mounted on a PCB 80
× 80 × 1.5 mm3, 35 μm Cu,
5
μm Sn, heat sink area 300 mm2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com