Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4476D Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4476D
Description  Dual Low Drop Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4476D Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4476D Datasheet HTML 2Page - Infineon Technologies AG TLE4476D Datasheet HTML 3Page - Infineon Technologies AG TLE4476D Datasheet HTML 4Page - Infineon Technologies AG TLE4476D Datasheet HTML 5Page - Infineon Technologies AG TLE4476D Datasheet HTML 6Page - Infineon Technologies AG TLE4476D Datasheet HTML 7Page - Infineon Technologies AG TLE4476D Datasheet HTML 8Page - Infineon Technologies AG TLE4476D Datasheet HTML 9Page - Infineon Technologies AG TLE4476D Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet
6
Rev. 2.5, 2007-03-20
TLE 4476
Table 4
Electrical Characteristics
V
I = 13.5 V; VEN > VENH; -40 °C < Tj < 150 °C; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min. Typ.
Max.
3.3 V Output Q1
Output voltage
V
Q1
3.17
3.3
3.43
V
1 mA <
I
Q1 < 250 mA
Output current limitation
I
Q1
350
–
900
mA
1)
Load regulation
ΔV
Q1
–
–
30
mV
1 mA <
I
Q1 < 250 mA
Line regulation
ΔV
Q1
––
20
mV
I
Q1 = 5 mA;
6 V <
V
I < 28 V
Power Supply Ripple
Rejection
PSRR
–60
–
dB
20 Hz <
f
r < 20 kHz
2);
V
r = 5 Vpp
Output capacitor
C
Q1
10
–
–
μF–
ESR of output capacitor
R
ESRQ1
––
2
Ω
at 10 kHz
5.0 V Output Q2
Output voltage
V
Q2
4.8
5.0
5.2
V
1 mA <
I
Q2 < 330 mA
Output current limitation
I
Q2
430
–
900
mA
1)
Drop voltage;
V
DRQ2 = VI - VQ2
V
DRQ2
–0.3
0.7
V
I
Q2 = 330 mA
1)
Load regulation
ΔV
Q2
–
–
50
mV
5 mA <
I
Q2 < 330 mA
Line regulation
ΔV
Q2
––
50
mV
I
Q2 = 5 mA;
6 V <
V
I < 28 V
Power Supply Ripple
Rejection
PSRR
–60
–
dB
20 Hz <
f
r < 20 kHz
2);
V
r = 5 Vpp
Output capacitor
C
Q2
10
–
–
μF–
ESR of output capacitor
R
ESRQ2
––
3
Ω
at 10 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com