Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4675G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4675G
Description  Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4675G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4675G Datasheet HTML 1Page - Infineon Technologies AG TLE4675G Datasheet HTML 2Page - Infineon Technologies AG TLE4675G Datasheet HTML 3Page - Infineon Technologies AG TLE4675G Datasheet HTML 4Page - Infineon Technologies AG TLE4675G Datasheet HTML 5Page - Infineon Technologies AG TLE4675G Datasheet HTML 6Page - Infineon Technologies AG TLE4675G Datasheet HTML 7Page - Infineon Technologies AG TLE4675G Datasheet HTML 8Page - Infineon Technologies AG TLE4675G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Data Sheet
5
Rev. 1.0, 2008-09-30
TLE4675
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment TLE4675D (PG-TO252-5)
Figure 2
Pin Assignment (top view) TLE4675D
3.2
Pin Definitions and Functions TLE4675D
Pin
Symbol
Function
1I
Regulator Input and IC Supply
For compensating line influences, a capacitor to GND close to the IC pin is
recommended.
2RO
Reset Output
Open collector output; external pull up resistor required;
Leave open if the reset function is not needed.
3
Internally connected to TAB
4D
Reset Delay Timing
Connect a ceramic capacitor from D (Pin 4) to GND for the reset delay timing
adjustment;
Leave open, if reset functionality is not used.
5Q
5 V Regulator Output
Connect a capacitor between Q (Pin 5) and GND close to the IC pins, respecting
capacitance and ESR requirements given in the Chapter 4.2 Functional Range.
TAB
GND
Ground, Cooling TAB
Connect to heatsink area
AEP02580
15
RO
Ι
DQ
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com