Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4675G Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE4675G
Description  Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4675G Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE4675G Datasheet HTML 17Page - Infineon Technologies AG TLE4675G Datasheet HTML 18Page - Infineon Technologies AG TLE4675G Datasheet HTML 19Page - Infineon Technologies AG TLE4675G Datasheet HTML 20Page - Infineon Technologies AG TLE4675G Datasheet HTML 21Page - Infineon Technologies AG TLE4675G Datasheet HTML 22Page - Infineon Technologies AG TLE4675G Datasheet HTML 23Page - Infineon Technologies AG TLE4675G Datasheet HTML 24Page - Infineon Technologies AG TLE4675G Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
TLE4675
Package Outlines
Data Sheet
22
Rev. 1.0, 2008-09-30
8
Package Outlines
8.1
PG-TO252-5 Package
Figure 9
Package Outline PG-TO252-5
Figure 10
Footprint PG-TO252-5, Reflow Soldering Type
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products and to be compliant with
government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e
Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020).
5.36
HLG09226
5.8
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com