Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6214L Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6214L
Description  Smart Dual Current Sense Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6214L Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6214L Datasheet HTML 5Page - Infineon Technologies AG TLE6214L Datasheet HTML 6Page - Infineon Technologies AG TLE6214L Datasheet HTML 7Page - Infineon Technologies AG TLE6214L Datasheet HTML 8Page - Infineon Technologies AG TLE6214L Datasheet HTML 9Page - Infineon Technologies AG TLE6214L Datasheet HTML 10Page - Infineon Technologies AG TLE6214L Datasheet HTML 11Page - Infineon Technologies AG TLE6214L Datasheet HTML 12Page - Infineon Technologies AG TLE6214L Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Datasheet TLE 6214 L
V3.0
Page
18.10.2004
9
SPI Commands:
No Command
MSB
6
5
4
3
2
1
LSB
Command Bits
Data Bits
1
Diagnosis only
0
0
1
X
X
X
X
X
2
Output Configure
0
1
0
Ilim Ch2
Ilim Ch1
Restart
/Latch
Slewrate
Ch2
Slewrate
Ch1
3
I/O Configure
0
1
1
Status /
SPI
Parallel / Serial In-
put
Fault / Sense
4
Reset Registers
1
0
0
X
X
X
X
X
5
Sleep Mode
1
0
1
X
X
X
X
X
6
Wake Up
1
1
0
X
X
X
X
X
7
Channels on (1)
/ off (0)
1
1
1
Ch2
Ch1
X
X
X
8
No command
0
0
0
X
X
X
X
X
Command description: (default values are bold print)
1. Diagnosis Only : Reads out the diagnosis register. This command has no other influence on the
device.
2. Output Configure : Configures the behaviour of the Power Outputs.
Ilim Ch1: overload behaviour of channel 1
0: Current limit 2 is activated (default)
1: Current limit 1 is activated
Ilim Ch2: overload behaviour of channel 2
0: Current limit 2 is activated(default)
1: Current limit 1 is activated
Restart / Latch: overtemperature behaviour of the IC
0: Automatic autorestart of a channel after cooling down(default)
1: Latching "off" of a channel at overtemperature
Slew rate: Switching slew rate of channel 1 and 2
0: fast switching (slew rate 1) (default)
1: slow switching (slew rate 2)
3. I/O Configure : Configures the behaviour of the I/O Ports.
Status / SPI : Output of diagnostic information of the IC
0: Diagnosis output serial with one status output per channel (ST1, ST2)
1: Diagnosis output with SPI (SO) and Fault Pin / Sense Pin
Parallel / Serial Input : Control of the output channels
bit3 bit2
0
0 : Control of channel 1 and 2 with parallel input (IN1, IN2) (default)
0
1 : Control of channel 1 and 2 with combination (OR) of serial and
parallel input signal
1
0 : Control of channel 1 and 2 with combination (AND) of serial and
parallel input signal
1
1 : Control of channel 1 and 2 only with SPI
Sense / Fault : Function of the Sense / Fault / ST1 output
bit1 bit0
0
0 : Pin function is "general Fault pin"(default)
0
1 : Pin function is current sense output channel 1 (IIS1)
1
0 : Pin function is current sense output channel 2 (IIS2)
1
1 : Pin function is current sense output channel 1 + 2 (IIS1 + IIS2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com