Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6214L Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6214L
Description  Smart Dual Current Sense Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6214L Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6214L Datasheet HTML 1Page - Infineon Technologies AG TLE6214L Datasheet HTML 2Page - Infineon Technologies AG TLE6214L Datasheet HTML 3Page - Infineon Technologies AG TLE6214L Datasheet HTML 4Page - Infineon Technologies AG TLE6214L Datasheet HTML 5Page - Infineon Technologies AG TLE6214L Datasheet HTML 6Page - Infineon Technologies AG TLE6214L Datasheet HTML 7Page - Infineon Technologies AG TLE6214L Datasheet HTML 8Page - Infineon Technologies AG TLE6214L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Datasheet TLE 6214 L
V3.0
Page
18.10.2004
2
Pin Description
Pin Configuration (Top view)
Pin
Symbol
Function
1
IN2
Input Channel 2
2
SI
SPI Signal In
3
OUT2
Power Output Channel 2
4
CO1
Current Sense 1/2 / Fault /
Status Ch1
5
SCLK
SPI Clock
6
GND
Ground
7
IN1
Input Channel 1
8
CS
SPI Chip Select
9
OUT1
Power Output Channel 1
10
VS
Supply Voltage
11
CO2
SPI Signal Out / Status Ch2
12
GND
Ground
Maximum Ratings for Tj = – 40°C to 150°C
Parameter
Symbol
Values
Unit
Supply Voltage
VS
-0.3 ... +7
V
Continuous Drain Source Voltage (OUT1...OUT2)
VDS
-0.3 ... +48
V
Input Voltage, All Inputs and Data outputs, Sense Lines
VIN
- 0.3 ... + 7
V
Output Current per Channel 1)
ID
ID(lim1,2) min.
A
Reverse Current per channel
Irev
-3
A
Output Clamping Energy (single event); linear decreasing
current
ID = 2A, TJ start = 150°C; max. 100 cycles over lifetime
EAS
75
mJ
Maximum Voltage for short circuit Protection (single event) 2
Current Limit 2, slew rate 1 (default setting)
Current Limit 2, slew rate 2
Current Limit 1, slew rate 1 / 2
VSC, single
48
32
18
V
Electrostatic Discharge Voltage (human body model)
according to EIA/JESD22-A114-E
Output Pins
All other Pins
VESD
4000
2000
V
V
DIN Humidity Category, DIN 40 040
E
IEC Climatic Category, DIN IEC 68-1
40/150/56
1
) Output current rating as long as maximum junction temperature is not exceeded. The maximum output current has to be calculated using
RthJA according mounting conditions.
2
Device mounted on PCB (50mm x 50mm x 1,5mm epoxy, FR4) with 6cm2 copper heatsink area (one layer, 70µm thick); PCB in test cham-
ber with blown air
IN 2
1
•
12
GND
SI
2
11
CO 2
OUT2
3
10
Vs
CO 1
4
9
OUT1
SCLK
5
8
CS
GND
6
7
IN 1
Power P-DSO -12
Both GND pins and heat sink must be
connected to GND externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com