Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8154ESVT1000B Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MSC8154ESVT1000B
Description  Quad-Core Digital Signal Processor with Security
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8154ESVT1000B Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MSC8154ESVT1000B Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
Electrical Characteristics
MSC8154E Quad-Core Digital Signal Processor with Security Data Sheet, Rev. 0
Freescale Semiconductor
41
Table 22 provides the DDR2 differential specifications for the differential signals MDQS/MDQS and MCK/MCK.
Table 23 provides the DDR3 differential specifications for the differential signals MDQS/MDQS and MCK/MCK.
2.6.2
HSSI AC Timing Specifications
The following subsections define the AC timing requirements for the SerDes reference clocks, the PCI Express data lines, the
Serial RapidIO data lines, and the SGMII data lines.
2.6.2.1
AC Requirements for SerDes Reference Clock
Table 24 lists AC requirements for the SerDes reference clocks.
Note:
Specifications are valid at the recommended operating conditions listed in Table 3.
Table 22. DDR2 SDRAM Differential Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Input AC differential cross-point voltage
VIXAC
0.5
× GVDD – 0.175
0.5
× GVDD + 0.175
V
Output AC differential cross-point voltage
VOXAC
0.5
× GVDD – 0.125
0.5
× GVDD + 0.125
V
Table 23. DDR3 SDRAM Differential Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Input AC differential cross-point voltage
VIXAC
0.5
× GVDD – 0.150
0.5
× GVDD + 0.150
V
Output AC differential cross-point voltage
VOXAC
0.5
× GVDD – 0.115
0.5
× GVDD + 0.115
V
Table 24. SR[1–2]_REF_CLK and SR[1–2]_REF_CLK Input Clock Requirements
Parameter
Symbol
Min
Typical
Max
Units
Notes
SR[1–2]_REF_CLK/SR[1–2]_REF_CLK
frequency range
tCLK_REF
—
100/125
—
MHz
1
SR[1–2]_REF_CLK/SR[1–2]_REF_CLK clock
frequency tolerance
tCLK_TOL
–350
—
350
ppm
—
SR[1–2]_REF_CLK/SR[1–2]_REF_CLK
reference clock duty cycle (measured at 1.6 V)
tCLK_DUTY
40
50
60
%
—
SR[1–2]_REF_CLK/SR[1–2]_REF_CLK max
deterministic peak-peak jitter at 10-6 BER
tCLK_DJ
——
42
ps
—
SR[1–2]_REF_CLK/SR[1–2]_REF_CLK total
reference clock jitter at 10-6 BER (peak-to-peak
jitter at ref_clk input)
tCLK_TJ
——
86
ps
2
SR[1–2]_REF_CLK/SR[1–2]_REF_CLK
rising/falling edge rate
tCLKRR/tCLKFR
1—4
V/ns
3
Differential input high voltage
VIH
200
—
—
mV
4
Differential input low voltage
VIL
—
—
–200
mV
4
Rising edge rate (SR[1–2]_REF_CLK) to falling
edge rate (SR[1–2]_REF_CLK) matching
Rise-Fall
Matching
——
20
%
5, 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com