Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8154ESVT1000B Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MSC8154ESVT1000B
Description  Quad-Core Digital Signal Processor with Security
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8154ESVT1000B Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MSC8154ESVT1000B Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8154ESVT1000B Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
MSC8154E Quad-Core Digital Signal Processor with Security Data Sheet, Rev. 0
Electrical Characteristics
Freescale Semiconductor
48
2.6.5
Ethernet Timing
This section describes the AC electrical characteristics for the Ethernet interface.
There are programmable delay units (PDU) that should be programmed differently for each interface to meet timing. There is
a general configuration register 4 (GCR4) used to configure the timing. For additional information, see the MSC8154E
Reference Manual.
2.6.5.1
Management Interface Timing
Table 33 lists the timer input Ethernet controller management interface timing specifications shown in Table 24.
2.6.5.2
RGMII AC Timing Specifications
Table 34 presents the RGMII AC timing specifications for applications requiring an on-board delayed clock.
Table 33. Ethernet Controller Management Interface Timing
Characteristics
Symbol
Min
Max
Unit
GE_MDC to GE_MDIO delay2
tMDKHDX
10
70
ns
GE_MDIO to GE_MDC rising edge setup time
tMDDVKH
7—
ns
GE_MDC rising edge to GE_MDIO hold time
tMDDXKH
0—
ns
Notes:
1.
Program the GE_MDC frequency (fMDC) to a maximum value of 2.5 MHz (400 ns period for tMDC). The value depends on the
source clock and configuration of MIIMCFG[MCS] and UPSMR[MDCP]. For example, for a source clock of 400 MHz to
achieve fMDC = 2.5 MHz, program MIIMCFG[MCS] = 0x4 and UPSMR[MDCP] = 0. See the MSC8154E Reference Manual for
configuration details.
2.
The value depends on the source clock. For example, for a source clock of 267 MHz, the delay is 70 ns. For a source clock of
333 MHz, the delay is 58 ns.
Figure 24. MII Management Interface Timing
Table 34. RGMII at 1 GHz2 with On-Board Delay3 AC Timing Specifications
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Data to clock output skew (at transmitter)4
tSKEWT
–-0.5
—
0.5
ns
Data to clock input skew (at receiver) 4
tSKEWR
1—
2.6
ns
Notes:
1.
At recommended operating conditions with VDDIO of 2.5 V ± 5%.
2.
RGMII at 100 MHz support is guaranteed by design.
3.
Program GCR4 as 0x00000000.
4.
This implies that PC board design requires clocks to be routed such that an additional trace delay of greater than 1.5 ns and
less than 2.0 ns is added to the associated clock signal.
GE_MDC
GE_MDIO
GE_MDIO
(Input)
(Output)
tMDC
tMDDXKH
tMDDVKH
tMDKHDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com