Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8156E Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MSC8156E
Description  Six-Core Digital Signal Processor with Security
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8156E Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MSC8156E Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8156E Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8156E Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8156E Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC8156E Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8156E Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8156E Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8156E Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8156E Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
Electrical Characteristics
MSC8156E Six-Core Digital Signal Processor with Security Data Sheet, Rev. 0
Freescale Semiconductor
49
Figure 25 provides the AC test load for the SPI.
Figure 25. SPI AC Test Load
Figure 26 and Figure 27 represent the AC timings from Table 36. Note that although the specifications generally reference the
rising edge of the clock, these AC timing diagrams also apply when the falling edge is the active edge.
Figure 26 shows the SPI timings in slave mode (external clock).
Figure 26. SPI AC Timing in Slave Mode (External Clock)
Figure 27 shows the SPI timings in master mode (internal clock).
Figure 27. SPI AC Timing in Master Mode (Internal Clock)
SPI inputs—Master mode (internal clock) input hold time
tNIIXKH
0—
ns
—
SPI inputs—Slave mode (external clock) input setup time
tNEIVKH
4—
ns
—
SPI inputs—Slave mode (external clock) input hold time
tNEIXKH
2—
ns
—
Notes:
1.
The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tNIKHOX symbolizes the internal timing (NI) for the time SPICLK clock reference (K) goes to the high state (H) until
outputs (O) are invalid (X).
2.
Output specifications are measured from the 50% level of the rising edge of SPICLK to the 50% level of the signal.
Timings are measured at the pin.
Table 36. SPI AC Timing Specifications
Parameter
Symbol 1
Min
Max
Unit
Note
Output
Z0 = 50 Ω
VDDIO/2
RL = 50 Ω
SPICLK (input)
tNEIXKH
tNEKHOV
Input Signals:
SPIMOSI
(See note)
Output Signals:
SPIMISO
(See note)
tNEIVKH
tNEKHOX
Note: measured with SPMODE[CI] = 0, SPMODE[CP] = 0
SPICLK (output)
tNIIXKH
tNIKHOV
Input Signals:
SPIMISO
(See note)
Output Signals:
SPIMOSI
(See note)
tNIIVKH
tNIKHOX
Note: measured with SPMODE[CI] = 0, SPMODE[CP] = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com