Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8156E Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MSC8156E
Description  Six-Core Digital Signal Processor with Security
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8156E Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MSC8156E Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC8156E Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC8156E Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8156E Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8156E Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC8156E Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC8156E Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC8156E Datasheet HTML 60Page - Freescale Semiconductor, Inc MSC8156E Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
Hardware Design Considerations
MSC8156E Six-Core Digital Signal Processor with Security Data Sheet, Rev. 0
Freescale Semiconductor
57
3.4
SGMII AC-Coupled Serial Link Connection Example
Figure 38 shows an example of a 4-wire AC-coupled serial link connection. For additional layout suggestions, see AN3556
MSC815x High Speed Serial Interface Hardware Design Considerations, available on the Freescale website or from your local
sales office or representative.
3.5
Connectivity Guidelines
Note:
Although the package actually uses a ball grid array, the more conventional term pin is used to denote signal
connections in this discussion.
First, select the pin multiplexing mode to allocate the required I/O signals. Then use the guidelines presented in the following
subsections for board design and connections. The following conventions are used in describing the connectivity requirements:
1.
GND indicates using a 10 k
Ω pull-down resistor (recommended) or a direct connection to the ground plane. Direct
connections to the ground plane may yield DC current up to 50 mA through the I/O supply that adds to overall power
consumption.
2.
VDD indicates using a 10 kΩ pull-up resistor (recommended) or a direct connection to the appropriate power supply.
Direct connections to the supply may yield DC current up to 50 mA through the I/O supply that adds to overall power
consumption.
3.
Mandatory use of a pull-up or pull-down resistor is clearly indicated as “pull-up/pull-down.” For buses, each pin on
the bus should have its own resistor.
4.
NC indicates “not connected” and means do not connect anything to the pin.
5.
The phrase “in use” indicates a typical pin connection for the required function.
Note:
Please see recommendations #1 and #2 as mandatory pull-down or pull-up connection for unused pins in case of
subset interface connection.
Figure 38. 4-Wire AC-Coupled SGMII Serial Link Connection Example
SGMII
SerDes Interface
50
Ω
50
Ω
Transmitter
SR[1–2]_TX[[1–2]
SR[1–2]_RX[1–2]
SR[1–2]_TX[1–2]
SR[1–2]_RX[1–2]
Receiver
CTX
CTX
50
Ω
50
Ω
SR[1–2]_RX[1–2]
SR[1–2]_RX[1–2]]
Receiver
Transmitter
SR[1–2]_TX[1–2
]
SR[1–2]_TX[1–2]
CTX
CTX
50
Ω
50
Ω
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com