Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTS2015 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FTS2015
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTS2015 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FTS2015 Datasheet HTML 1Page - Sanyo Semicon Device FTS2015 Datasheet HTML 2Page - Sanyo Semicon Device FTS2015 Datasheet HTML 3Page - Sanyo Semicon Device FTS2015 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FTS2015
No.6667-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=10V, f=1MHz
1550
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
310
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
190
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
22
ns
Rise Time
tr
See specified Test Circuit
100
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit
205
ns
Fall Time
tf
See specified Test Circuit
165
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=7A
60
nC
Gate Source Charge
Qgs
VDS=10V, VGS=10V, ID=7A
2.5
nC
Gate Drain Charge
Qgd
VDS=10V, VGS=10V, ID=7A
10
nC
Diode Forward Voltage
VSD
IS=7A, VGS=0
0.88
1.2
V
Switching Time Test Circuit
PW=10ms
D.C.
≤1%
4V
0V
VIN
P.G
50
Ω
G
S
FTS2015
ID=7A
RL=2.1Ω
VDD=15V
VOUT
VIN
D
RDS(on) -- Ta
Ambient Temperature, Ta --
°C
40
35
25
30
20
15
10
5
150
125
100
75
50
25
0
--25
--50
0
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
35
25
30
10
15
0
5
24
06
12
10
8
0
0
ID -- VGS
Gate-to-Source Voltage, VGS -- V
15
12
9
6
3
0.4
1.4
1.2
1.8
ID -- VDS
Drain-to-Source Voltage, VDS -- V
15
12
9
6
3
0.5
1.0
1.5
2.5
3.0
IT00447
IT00448
IT00449
IT00450
0
0
2.0
20
0.2
0.6
1.6
1.0
0.8
7A
VGS=1.0V
VDS=10V
25
°C
1.5V
Ta=25
°C
ID=2A
ID=2A,
VGS
=2.5V
ID=7A,
VGS
=4V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com