Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTS2015 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FTS2015
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTS2015 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FTS2015 Datasheet HTML 1Page - Sanyo Semicon Device FTS2015 Datasheet HTML 2Page - Sanyo Semicon Device FTS2015 Datasheet HTML 3Page - Sanyo Semicon Device FTS2015 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FTS2015
No.6667-3/4
2.0
1.5
1.3
1.0
0.5
0
0
20
40
60
80
100
120
140
160
PD -- Ta
Ambient Tamperature, Ta --
°C
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
23
5 7
23
5 7
23
5 7
2 3
5 7
100ms
100
µs
<10
µs
10ms
1ms
100
10
1.0
0.1
0.01
0.01
0.1
1.0
10
100
A S O
Drain-to-Source Voltage, VDS -- V
Operation in this
area is limited by RDS(on)
DC
operation
23
5
7
2
3
5
7
2
3
td(on)
td(off)
tr
tf
1000
100
2
3
5
7
2
3
5
7
2
3
5
7
10
1.0
0.1
1.0
10
SW Time -- ID
Drain Current, ID -- A
VDD=15V
VGS=4V
IT00455
IT00457
IT00456
Ta=25
°C
Single pulse
Mounted on a ceramic board (1000mm
2!0.8mm)
Mounted
on
a ceramic
board(1000mm
2
!
0.8mm)
IDP=28A
ID=7A
Diode Forward Voltage, VSD -- V
0.001
5
3
100
2
10
7
0.3
0.6
1.2
0.4
|yfs| -- ID
Drain Current, ID -- A
100
1.0
10
1.0
0.1
23
5
7
23
5
7
2
3
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
10000
1000
05
15
10
20
30
VGS -- Qg
Total Gate Charge, Qg -- nC
10
3
2
1
0
4
5
15
60
45
50
55
35
25
530
40
20
10
0
IT00451
IT00452
IT00453
IT00454
5
2
10
7
3
5
2
7
3
100
10
5
7
2
3
5
7
2
3
5
7
2
3
25
0.01
1.0
0.1
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
0.5
0.7
0.8
0.9
1.0
1.1
0.2
8
7
6
9
Ciss
Coss
Crss
IF -- VSD
VGS=0
VDS=10V
Ta=
--25
°C
25°
C
75°
C
f=1MHz
VDS=10V
ID=7A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com