Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6232GP Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6232GP
Description  Smart Six Channel Low-Side Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6232GP Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6232GP Datasheet HTML 4Page - Infineon Technologies AG TLE6232GP Datasheet HTML 5Page - Infineon Technologies AG TLE6232GP Datasheet HTML 6Page - Infineon Technologies AG TLE6232GP Datasheet HTML 7Page - Infineon Technologies AG TLE6232GP Datasheet HTML 8Page - Infineon Technologies AG TLE6232GP Datasheet HTML 9Page - Infineon Technologies AG TLE6232GP Datasheet HTML 10Page - Infineon Technologies AG TLE6232GP Datasheet HTML 11Page - Infineon Technologies AG TLE6232GP Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Data Sheet TLE 6232 GP
V2.3
Page
2009-11-18
8
The effect of the integrated under-voltage detection is similar to the effect of an external reset
at pin Reset (except low current consumption):
- locks all power switches regardless of their input signals
- clears the fault registers
- resets SPI control register
Parallel Connection of Power Stages
The power stages which are connected in parallel have to be switched on and off simultane-
ously.
In case of overload the ground current and the power dissipation are increasing. The applica-
tion has to take into account that all maximum ratings are observed (e.g. operating tempera-
ture TJ and total ground current IGND, see Maximal Ratings).
The maximum current limitation value (or overload detection threshold) of the parallel con-
nected power stages is the summation of the corresponding maximum values of the power
stages (IOUT(lim)x + IOUT(lim)y + ....).
Max. Nominal Current
Max. Clamping Energy
On Resistance
2 power stages of the
same type
(see note 1)
(Imax,OUTx+Imax,OUTy) x 0.9
0.8 x (Ex + Ey)
y
OUTx
ON
xR
,
,
5
.
0
3 power stages of the
same type
(see note 1,2)
(Imax,OUTx+Imax,OUTy+
Imax,OUTz) x 0.8
0.7 x (Ex + Ey + Ez)
z
y
OUTx
ON
xR
,
,
,
34
.
0
2 power stages with the
same clamping voltage,
but different nominal
current (see note 3)
(Imax,OUTx+Imax,OUTy) x 0.8
Min (Eclpx , Eclpy)
OUTy
ON
OUTx
ON
OUTy
ON
OUTx
ON
R
R
xR
R
,
,
,
,
+
Note 1: Power stages of the same type have the same nominal current
Note 2: Only for 3A power stages
Note 3: Parallel connection of power stage type 3A/53V with type 1.5A/53V
SPI Interface
The serial SPI interface makes possible communication between TLE6232 and the microcon-
troller.
TLE 6232 GP always works in slave mode whereas the microcontroller provides the master
function. The maximum baud rate is 5MBaud.
Applying a chip select signal at CS and setting bit 7 and bit 6 of the instruction byte to „1“ and
„0“ TLE 6232 GP is selected by the SPI master. SI is the data input (Signal In), SO the data
output
(Signal Out). Via SCLK (Serial Clock Input) the SPI clock is given by the master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com