Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6232GP Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6232GP
Description  Smart Six Channel Low-Side Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6232GP Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6232GP Datasheet HTML 5Page - Infineon Technologies AG TLE6232GP Datasheet HTML 6Page - Infineon Technologies AG TLE6232GP Datasheet HTML 7Page - Infineon Technologies AG TLE6232GP Datasheet HTML 8Page - Infineon Technologies AG TLE6232GP Datasheet HTML 9Page - Infineon Technologies AG TLE6232GP Datasheet HTML 10Page - Infineon Technologies AG TLE6232GP Datasheet HTML 11Page - Infineon Technologies AG TLE6232GP Datasheet HTML 12Page - Infineon Technologies AG TLE6232GP Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet TLE 6232 GP
V2.3
Page
2009-11-18
9
SPI Signal Description
CS - Chip Select. The system microcontroller selects the TLE 6232 GP by means of the CS
pin. Whenever the pin is in a logic low state, data can be transferred from the µC and vice
versa.
CS High to Low transition: - diagnostic status information is transferred from the power
outputs into the shift register.
- serial input data can be clocked in from then on
- SO changes from high impedance state to logic high or low
state corresponding to the SO bits
CS Low to High transition: - transfer of SI bits from shift register into output buffers
- reset of diagnosis register
To avoid any false clocking the serial clock input pin SCLK should be logic low state during
high to low transition of
CS . When CS is in a logic high state, any signals at the SCLK and
SI pins are ignored and SO is forced into a high impedance state.
SCLK - Serial Clock. The system clock pin clocks the internal shift register of the TLE
6232 GP. The serial input (SI) accepts data into the input shift register on the falling edge of
SCLK while the serial output (SO) shifts diagnostic information out of the shift register on the
rising edge of serial clock. It is essential that the SCLK pin is in a logic low state whenever
chip select
CS makes any transition. The number of clock pulses will be counted during a
chip select cycle. The received data will only be accepted, if exactly 16 clock pulses were
counted during
CS is active.
SI - Serial Input. Serial data bits are shifted in at this pin, the most significant bit first. SI infor-
mation is read in on the falling edge of SCLK. Input data is latched in the shift register and
then transferred to the control buffer of the output stages.
The input data consists of two bytes - a "control byte” followed by a "data byte". The control
byte contains the information as to whether the data byte will be accepted or ignored (see di-
agnostics section). The data byte contains the input information for the six channels. A logic
high level at this pin (within the data byte) will switch on the power switch, provided that the
corresponding parallel input is also switched on (AND-operation for channel 1 to 6).
SO - Serial Output. Diagnostic data bits are shifted out serially at this pin, the most significant
bit first. SO is in a high impedance state until the
CS pin goes to a logic low state. New diag-
nostic data will appear at the SO pin following the rising edge of SCLK.
RESET
- Reset pin. If the reset pin is in a logic low state, it clears the SPI shift register and
switches all outputs OFF. An internal pull-up structure is provided on chip.
In case of inactive chip select signal (High) or bit 7 and bit 6 of the instruction byte differing
from1“ and „0“ the data output SO remains into tri-state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com