Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6250 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6250
Description  High Speed CAN-Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6250 Datasheet HTML 9Page - Infineon Technologies AG TLE6250 Datasheet HTML 10Page - Infineon Technologies AG TLE6250 Datasheet HTML 11Page - Infineon Technologies AG TLE6250 Datasheet HTML 12Page - Infineon Technologies AG TLE6250 Datasheet HTML 13Page - Infineon Technologies AG TLE6250 Datasheet HTML 14Page - Infineon Technologies AG TLE6250 Datasheet HTML 15Page - Infineon Technologies AG TLE6250 Datasheet HTML 16Page - Infineon Technologies AG TLE6250 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TLE6250
Data Sheet
13
Rev. 4.0, 2008-04-28
Table 5
Electrical Characteristics
4.5 V <
V
CC < 5.5 V; RL = 60 Ω; VINH < VINH,ON; -40 °C < Tj < 150 °C; all voltages with
respect to ground; positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ. Max.
Current Consumption
Current consumption
I
CC
–
6
10
mA
recessive state;
V
TxD = VCC
Current consumption
I
CC
–
45
70
mA
dominant state;
V
TxD = 0 V
Current consumption
I
CC
–
6
10
mA
receive-only mode;
RM = low
Current consumption
I
CC,stb
–110
µA
stand-by mode;
TxD = RM = high
Receiver Output RxD
HIGH level output current
I
RD,H
–
-4-2mA
V
RD = 0.8 × VCC,
V
diff < 0.4 V
1)
LOW level output current
I
RD,L
24–mA
V
RD = 0.2 × VCC,
V
diff > 1 V
1)
Transmission Input TxD
HIGH level input voltage
threshold
V
TD,H
–0.5
×
V
CC
0.7
×
V
CC
V
recessive state
LOW level input voltage
threshold
V
TD,L
0.3
×
V
CC
0.4
×
V
CC
–
V
dominant state
TxD pull-up resistance
R
TD
10
25
50
k
Ω
–
Inhibit Input (pin INH)
HIGH level input voltage
threshold
V
INH,H
–0.5
×
V
CC
0.7
×
V
CC
V
stand-by mode;
LOW level input voltage
threshold
V
INH,L
0.3
×
V
CC
0.4
×
V
CC
–
V
normal mode
INH pull-up resistance
R
INH
10
25
50
k
Ω
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com