Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6250 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE6250
Description  High Speed CAN-Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE6250 Datasheet HTML 14Page - Infineon Technologies AG TLE6250 Datasheet HTML 15Page - Infineon Technologies AG TLE6250 Datasheet HTML 16Page - Infineon Technologies AG TLE6250 Datasheet HTML 17Page - Infineon Technologies AG TLE6250 Datasheet HTML 18Page - Infineon Technologies AG TLE6250 Datasheet HTML 19Page - Infineon Technologies AG TLE6250 Datasheet HTML 20Page - Infineon Technologies AG TLE6250 Datasheet HTML 21Page - Infineon Technologies AG TLE6250 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Data Sheet
18
Rev. 4.0, 2008-04-28
TLE6250
Table 8
Electrical Characteristics
4.5 V <
V
CC < 5.5 V; (3.0 V < V33V < 5.5V for 3.3 V version); RL = 60 Ω; VINH < VINH,ON;
-40
°C < T
j < 150 °C; all voltages with respect to ground; positive current flowing into pin;
unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Typ.
Max.
Current Consumption (3.3 V version)
Current consumption
I
CC+33V
–
6
10
mA
recessive state;
V
TxD = V33V
Current consumption
I
CC+33V
–
45
70
mA
dominant state;
V
TxD = 0 V
Current consumption
I
33V
––
2mA
–
Current consumption
I
CC+33V,stb
–1
10
µA
stand-by mode,
TxD = high
Receiver Output RxD
HIGH level output
current
I
RD,H
–
-2-1mA
V
RD = 0.8 × V33V,
V
diff < 0.4 V
1)
LOW level output
current
I
RD,L
12
–mA
V
RD = 0.2 × V33V,
V
diff > 1 V
1)
Transmission Input TxD
HIGH level input
voltage threshold
V
TD,H
–0.55
×
V
33V
0.7
×
V
33V
V
recessive state
LOW level input
voltage threshold
V
TD,L
0.3
×
V
33V
0.45
×
V
33V
–
V
dominant state
TxD pull-up resistance
R
TD
10
25
50
k
Ω
–
Inhibit Input (pin INH)
HIGH level input
voltage threshold
V
INH,H
–0.55
×
V
33V
0.7
×
V
33V
V
stand-by mode;
LOW level input
voltage threshold
V
INH,L
0.3
×
V
33V
0.45
×
V
33V
–
V
normal mode;
INH pull-up resistance
R
INH
10
25
50
k
Ω
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com