Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6250C Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6250C
Description  High Speed CAN-Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250C Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6250C Datasheet HTML 1Page - Infineon Technologies AG TLE6250C Datasheet HTML 2Page - Infineon Technologies AG TLE6250C Datasheet HTML 3Page - Infineon Technologies AG TLE6250C Datasheet HTML 4Page - Infineon Technologies AG TLE6250C Datasheet HTML 5Page - Infineon Technologies AG TLE6250C Datasheet HTML 6Page - Infineon Technologies AG TLE6250C Datasheet HTML 7Page - Infineon Technologies AG TLE6250C Datasheet HTML 8Page - Infineon Technologies AG TLE6250C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TLE6250
Data Sheet
5
Rev. 4.0, 2008-04-28
Table 1
Pin Definitions and Functions TLE6250G
Pin No.
Symbol Function
1TxD
CAN transmit data input; 20 k
Ω pull-up, LOW in dominant state
2GND
Ground
3
V
CC
5 V Supply input
4RxD
CAN receive data output; LOW in dominant state,
integrated pull-up
5RM
Receive-only input; control input, 20 k
Ω pull-up, set low to
activate RxD-only mode
6CANL
Low line I/O; LOW in dominant state
7CANH
High line I/O; HIGH in dominant state
8INH
Inhibit Input; control input, 20 k
Ω pull, set LOW for normal mode
Table 2
Pin Definitions and Functions TLE6250GV33
Pin No.
Symbol Function
1TxD
CAN transmit data input; 20 k
Ω pull-up, LOW in dominant state
2GND
Ground
3
V
CC
5 V Supply input
4RxD
CAN receive data output; LOW in dominant state,
integrated pull-up
5
V
33V
Logic supply input; 3.3 V OR 5 V microcontroller logic supply can
be connected here! The digital I/Os of the TLE6250GV33 adopt to
the connected microcontroller logic supply at
V
33V
6CANL
Low line I/O; LOW in dominant state
7CANH
High line I/O; HIGH in dominant state
8INH
Inhibit Input; control input, 20 k
Ω pull, set LOW for normal mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com