Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6250C Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE6250C
Description  High Speed CAN-Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6250C Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE6250C Datasheet HTML 13Page - Infineon Technologies AG TLE6250C Datasheet HTML 14Page - Infineon Technologies AG TLE6250C Datasheet HTML 15Page - Infineon Technologies AG TLE6250C Datasheet HTML 16Page - Infineon Technologies AG TLE6250C Datasheet HTML 17Page - Infineon Technologies AG TLE6250C Datasheet HTML 18Page - Infineon Technologies AG TLE6250C Datasheet HTML 19Page - Infineon Technologies AG TLE6250C Datasheet HTML 20Page - Infineon Technologies AG TLE6250C Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
TLE6250
Data Sheet
17
Rev. 4.0, 2008-04-28
Electrical Characteristics TLE6250GV33 (3.3 V version)
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
Table 6
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Voltages
Supply voltage
V
CC
-0.3
6.5
V
–
3.3 V supply
V
33V
-0.3
6.5
V
–
CAN input voltage (CANH,
CANL)
V
CANH/L
-40
40
V
–
Logic voltages at INH, RM,
TxD, RxD
V
I
-0.3
V
CC
V0 V <
V
CC < 5.5 V
Electrostatic discharge
voltage at CANH, CANL
V
ESD
-6
6
kV
human body model
(100 pF via 1.5 k
Ω)
Electrostatic discharge
voltage
V
ESD
-2
2
kV
human body model
(100 pF via 1.5 k
Ω)
Temperatures
Junction temperature
T
j
-40
160
°C–
Table 7
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Supply voltage
V
CC
4.5
5.5
V
–
3.3 V supply voltage
V
33V
3.0
5.5
V
–
Junction temperature
T
j
-40
150
°C–
Thermal Resistances
Junction ambient
R
thj-a
–
185
K/W
–
Thermal Shutdown (junction temperature)
Thermal shutdown
temperature
T
jsD
160
200
°C
10
°C hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com