Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7276 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7276
Description  Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7276 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7276 Datasheet HTML 8Page - Infineon Technologies AG TLE7276 Datasheet HTML 9Page - Infineon Technologies AG TLE7276 Datasheet HTML 10Page - Infineon Technologies AG TLE7276 Datasheet HTML 11Page - Infineon Technologies AG TLE7276 Datasheet HTML 12Page - Infineon Technologies AG TLE7276 Datasheet HTML 13Page - Infineon Technologies AG TLE7276 Datasheet HTML 14Page - Infineon Technologies AG TLE7276 Datasheet HTML 15Page - Infineon Technologies AG TLE7276 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Data Sheet
12
Rev. 1.11, 2010-11-22
TLE 7276
Region of Stability
12_ESR-IQ.VSD
1
0.1
0.01
ESR
CQ
[
Ω]
0
I
Q [mA]
100
150
50
200
C
Q = 10nF ...10 µF
T
j = 25 °C
100
10
Stable
Region
Power Supply Ripple Rejection PSRR
versus Frequency f
10
f [Hz]
10k
PSRR
[dB]
13_PSRR.VSD
60
50
100
1k
100k
80
30
40
I
Q = 30 mA
V
RIPPLE = 1 V
V
IN = 13.5 V
C
Q = 10 µF Tantalum
T
j = 25 °C
I
Q = 100 mA
I
Q = 0.1 mA
Output Voltage VQ Start-up behaviour
V
Q [V]
14_VI-
time_startup.vsd
5.00
4.90
4.80
5.05
I
Q = 5mA
1
t [ms]
34
25
INH = ON
Load Regulation dVQ versus Output
Current Change dIQ
0
I
Q [mA]
100
150
ΔV
Q
[mV]
18a_dVQ-dIQ_Vi6V.vsd
-15
-20
-25
-10
50
250
0
T
j = 25 °C
-30
V
I = 6V
T
j = -40 °C
T
j = 150 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com