Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7276 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE7276
Description  Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7276 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE7276 Datasheet HTML 1Page - Infineon Technologies AG TLE7276 Datasheet HTML 2Page - Infineon Technologies AG TLE7276 Datasheet HTML 3Page - Infineon Technologies AG TLE7276 Datasheet HTML 4Page - Infineon Technologies AG TLE7276 Datasheet HTML 5Page - Infineon Technologies AG TLE7276 Datasheet HTML 6Page - Infineon Technologies AG TLE7276 Datasheet HTML 7Page - Infineon Technologies AG TLE7276 Datasheet HTML 8Page - Infineon Technologies AG TLE7276 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Type
Ordering Code
Package
TLE 7276 D
Q67006-A9733
P-TO252-5-1,P-TO252-5-11
TLE 7276 G
Q67006-A9732
P-TO263-5-1
5-V Low Drop Voltage Regulator
TLE 7276
Data Sheet
2
Rev. 1.11, 2010-11-22
Features
•
Output voltage 5 V
±2%
•
Ultra low current consumption: typ. 20
μA
•
300 mA current capability
•
Inhibit input
•
Very low-drop voltage
•
Short-circuit-proof
•
Suitable for use in automotive electronics
Functional Description
The TLE 7276 is a monolithic integrated low-drop
voltage regulator for load currents up to 300 mA. An input
voltage up to 42 V is regulated to
V
Q,nom = 5.0 V with a
precision of
±2%. The sophisticated design allows to
achieve stable operation even with ceramic output
capacitors down to 470 nF. The device is designed for
the harsh environment of automotive applications.
Therefore it is protected against overload, short circuit
and overtemperature conditions. Of course the
TLE 7276 can be used also in all other applications, where a stabilized 5 V voltage is
required. Due to its ultra low stand-by current consumption of typ. 20
μA the TLE 7276
is dedicated for use in applications permanently connected to
V
BAT. The regulator can be
shut down via an Inhibit input. An integrated output sink current circuitry keeps the
voltage at the Output pin Q below 5.5 V even when reverse currents are applied. Thus
connected devices are protected from overvoltage damage.
For applications requiring extremely low noise levels the Infineon voltage regulator family
TLE 42XY and TLE 44XY is more suited than the TLE 7276. A mV-range output noise
on the TLE 7276 caused by the charge pump operation is unavoidable due to the ultra
low quiescent current concept.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com