Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7276D Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE7276D
Description  Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7276D Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE7276D Datasheet HTML 4Page - Infineon Technologies AG TLE7276D Datasheet HTML 5Page - Infineon Technologies AG TLE7276D Datasheet HTML 6Page - Infineon Technologies AG TLE7276D Datasheet HTML 7Page - Infineon Technologies AG TLE7276D Datasheet HTML 8Page - Infineon Technologies AG TLE7276D Datasheet HTML 9Page - Infineon Technologies AG TLE7276D Datasheet HTML 10Page - Infineon Technologies AG TLE7276D Datasheet HTML 11Page - Infineon Technologies AG TLE7276D Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Data Sheet
8
Rev. 1.11, 2010-11-22
TLE 7276
Application Information
TLE 7276
3, Tab
GND
AEA03608.VSD
Overtemperature
Shutdown
1
5
Q
470
nF
V
CC
+
4.7
µF
INH
2
1 I
100
nF
V
Bat
e. g.
Ignition
Bandgap
Reference
Charge
Pump
Inhibit
Figure 3
Application Diagram
Input, Output
An input capacitor is necessary for damping line influences. A resistor of approx. 1
Ω in
series with
C
I, can damp the LC of the input inductivity and the input capacitor.
In contrast to most low drop voltage regulators the TLE 7276 only needs moderate
capacitance at the output to assure stability of the regulation loop. This offers more
design flexibility to the circuit designer providing for cost efficient solutions.
The TLE 7276 requires a ceramic output capacitor of at least 470 nF. In order to damp
influences resulting from load current surges it is recommended to add an additional
electrolytic capacitor of 4.7
μF to 47 μF at the output as shown in Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com