Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7276D Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7276D
Description  Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7276D Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7276D Datasheet HTML 9Page - Infineon Technologies AG TLE7276D Datasheet HTML 10Page - Infineon Technologies AG TLE7276D Datasheet HTML 11Page - Infineon Technologies AG TLE7276D Datasheet HTML 12Page - Infineon Technologies AG TLE7276D Datasheet HTML 13Page - Infineon Technologies AG TLE7276D Datasheet HTML 14Page - Infineon Technologies AG TLE7276D Datasheet HTML 15Page - Infineon Technologies AG TLE7276D Datasheet HTML 16Page - Infineon Technologies AG TLE7276D Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
13
Rev. 1.11, 2010-11-22
TLE 7276
Load Regulation dVQ versus Output
Current Change dIQ
0
I
Q [mA]
100
150
ΔV
Q
[mV]
18b_dVQ-dIQ_Vi135V.vsd
-15
-20
-25
-10
50
250
0
T
j = 25 °C
-30
V
I = 13.5V
T
j = -40 °C
T
j = 150 °C
Load Regulation dVQ versus Output
Current Change dIQ
0
I
Q [mA]
100
150
ΔV
Q
[mV]
18c_dVQ-dIQ_Vi28V.vsd
-15
-20
-25
-10
50
250
0
T
j = 25 °C
-30
V
I = 28
T
j = -40 °C
T
j = 150 °C
Line Regulation dVQ versus Input
Voltage ChangedVI
0
V
I [V]
515 20
30 35
ΔV
Q
[mV]
19_dVQ-dVI__150C.vsd
-3
-4
-5
-2
10
25
45
40
0
T
j =150 °C
-6
IQ = 10mA
IQ = 200mA
IQ = 100mA
IQ = 1mA
Line Regulation dVQ versus Input
Voltage ChangedVI
0
V
I [V]
515 20
30 35
ΔV
Q
[mV]
19_dVQ-dVI_25C.vsd
-3
-4
-5
-2
10
25
45
40
0
T
j = 25 °C
-6
IQ = 10mA
IQ = 200mA
IQ = 100mA
IQ = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com