Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7276G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE7276G
Description  Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7276G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE7276G Datasheet HTML 1Page - Infineon Technologies AG TLE7276G Datasheet HTML 2Page - Infineon Technologies AG TLE7276G Datasheet HTML 3Page - Infineon Technologies AG TLE7276G Datasheet HTML 4Page - Infineon Technologies AG TLE7276G Datasheet HTML 5Page - Infineon Technologies AG TLE7276G Datasheet HTML 6Page - Infineon Technologies AG TLE7276G Datasheet HTML 7Page - Infineon Technologies AG TLE7276G Datasheet HTML 8Page - Infineon Technologies AG TLE7276G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Table 2
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Max.
Input I
Voltage
V
I
-0.3
45
V
–
Current
I
I
-1
–
mA
–
Inhibit INH
Voltage
V
INH
-0.3
45
V
Observe current
limit
I
INH,max
1)
1) External resistor required to keep current below absolute maximum rating when voltages
≥ 5.5 V are applied.
Current
I
INH
-1
1
mA
–
Output Q
Voltage
V
Q
-0.3
5.5
V
–
Voltage
V
Q
-0.3
6.2
V
t < 10 s2)
2) Exposure to these absolute maximum ratings for extended periods (
t > 10 s) may affect device reliability.
Current
I
Q
-1
–
mA
–
Temperature
Junction temperature
T
j
-40
150
°C
–
Storage temperature
T
stg
-50
150
°C
–
Table 3
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Input voltage
V
I
5.5
42
V
–
Junction temperature
T
j
-40
150
°C
–
TLE 7276
Data Sheet
5
Rev. 1.11, 2010-11-22
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com