Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7276G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7276G
Description  Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7276G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7276G Datasheet HTML 5Page - Infineon Technologies AG TLE7276G Datasheet HTML 6Page - Infineon Technologies AG TLE7276G Datasheet HTML 7Page - Infineon Technologies AG TLE7276G Datasheet HTML 8Page - Infineon Technologies AG TLE7276G Datasheet HTML 9Page - Infineon Technologies AG TLE7276G Datasheet HTML 10Page - Infineon Technologies AG TLE7276G Datasheet HTML 11Page - Infineon Technologies AG TLE7276G Datasheet HTML 12Page - Infineon Technologies AG TLE7276G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TLE 7276
Data Sheet
9
Rev. 1.11, 2010-11-22
Additionally a buffer capacitor CB of > 10μF should be used for the output to suppress
influences from load surges to the voltage levels. This one can either be an aluminum
electrolytic capacitor or a tantalum capacitor following the application requirements.
A general recommendation is to keep the drop over the equivalent serial resistor (ESR)
together with the discharge of the blocking capacitor below the allowed Headroom of
the Application to be supplied (e.g. typ. dVQ = 350mV).
Since the regulator output current roughly rises linearly with time the discharge of the
capacitor can be calculated as follows:
dVCB = dIQ*dt/CB
The drop across the ESR calculates as:
dVESR = dI*ESR
To prevent a reset the following relationship must be fullfilled:
dVC + dVESR < VRH = 350mV
Example: Assuming a load current change of dIQ = 100mA, a blocking capacitor of CB =
22µF and a typical regulator reaction time under normal operating conditions of dt ~
25µs and for special dynamic load conditions, such as load step from very low base
load, a reaction time of dt ~ 75µs.
dVC = dIQ*dt/CB = 100mA * 25µs/22µF = 113mV
So for the ESR we can allow
dVESR = VRH2 - dVC = 350mV - 113mV = 236mV
The permissible ESR becomes:
ESR = dVESR / dIQ = 236mV/100mA = 2.36Ohm
During design-in of the TLE7469 product family, special care needs to be taken with
regards to the regulators reaction time to sudden load current changes starting from very
low pre-load as well as cyclic load changes. The application note “TLE7x Voltage
Regulators - Application Note about Transient Response at ultra low quiescent current
Voltage Regulators” (see 3_cip05405.pdf) gives important hints for successful design-in
of the Voltage Regulators of the TLE7x family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com