Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8104E Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE8104E
Description  Smart Quad Channel Powertrain Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8104E Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE8104E Datasheet HTML 5Page - Infineon Technologies AG TLE8104E Datasheet HTML 6Page - Infineon Technologies AG TLE8104E Datasheet HTML 7Page - Infineon Technologies AG TLE8104E Datasheet HTML 8Page - Infineon Technologies AG TLE8104E Datasheet HTML 9Page - Infineon Technologies AG TLE8104E Datasheet HTML 10Page - Infineon Technologies AG TLE8104E Datasheet HTML 11Page - Infineon Technologies AG TLE8104E Datasheet HTML 12Page - Infineon Technologies AG TLE8104E Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TLE8104E
Smart Quad Channel Powertrain Switch
Electrical and Functional Description of Blocks
Data Sheet
9
V1.4, 2010-04-26
5
Electrical and Functional Description of Blocks
5.1
Power Supply
The TLE8104E is supplied by power supply line VS, used for the digital as well as the analog functions of the device
including the gate control of the power stages. A capacitor between pins VS to GND is recommended.
A RESET pin is available. When a low level is applied to this pin, the device enters sleep mode. In this case, all
registers are set to their default values and the quiescent supply current is minimized.
After start-up of the power supply, the RESET pin should be kept low until the Reset Duration Time has expired,
reseting all SPI registers to their default values.
5.2
Parallel Inputs
Each input signal controls the output stages of its assigned channel. For example, IN1 controls OUT1, IN2 controls
OUT2, etc. Please refer to Figure 4 for details.
The PRG pin selects if the input pins are active high or active low and activates either a pull-down or pull-up current
source. If PRG is high, the input pins are active high and the pull-down current source is active. If PRG is low, the
input pins are active low and the pull-up current source is active. The respective current sources at the input pin
ensure that the channels switch off in case of an unconnected pin. The zener diode protects the input circuit
against ESD pulses.
The BOL bit can be set via SPI. This bit determines if a Boolean OR or AND operation is performed on the INn
signals and their corresponding data bits CHnIN . The default setting of the BOL bit programs the device to perform
an OR operation.
Electrical Characteristics: Power Supply
V
S = 4.5 V to 5.5 V, Tj = -40 °C to +150 °C, (unless otherwise specified)
all voltages with respect to ground, positive current flowing into pin
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.1.1
Supply Voltage
V
S
4.5
–
5.5
V
–
5.1.2
Supply Current
I
S(ON)
–
1
2
mA
all channels ON
5.1.3
Input Low Voltage of pin RESET
V
RESET(L)
-0.3
–
1.0
V
–
5.1.4
Input High Voltage of pin RESET
V
RESET(H)
2.0
–
V
S +0.3 V
–
5.1.5
High Input Pull-up Current
through pin RESET
I
RESET(L)
-100
-50
-20
µA
V
RESET =2V,
5.1.6
Reset duration time1)
1) For proper startup, after the supply VS has reached its final voltage, the RESET pin should be held low until the reset
duration time has expired.
t
RESET(L)
10
–
–
µs–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com