Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8104E Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE8104E
Description  Smart Quad Channel Powertrain Switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8104E Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE8104E Datasheet HTML 17Page - Infineon Technologies AG TLE8104E Datasheet HTML 18Page - Infineon Technologies AG TLE8104E Datasheet HTML 19Page - Infineon Technologies AG TLE8104E Datasheet HTML 20Page - Infineon Technologies AG TLE8104E Datasheet HTML 21Page - Infineon Technologies AG TLE8104E Datasheet HTML 22Page - Infineon Technologies AG TLE8104E Datasheet HTML 23Page - Infineon Technologies AG TLE8104E Datasheet HTML 24Page - Infineon Technologies AG TLE8104E Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TLE8104E
Smart Quad Channel Powertrain Switch
SPI Control
Data Sheet
21
V1.4, 2010-04-26
Figure 16
Echo Function of SPI
6.1.4
Example: OR Operation and Diagnosis
Sets the
BOL bit to perform an OR operation on the INn signals and their corresponding data bits CHnIN . The
contents of the diagnosis register will be returned during the next SPI access
(see Figure 17). If the OR operation
is programmed, it is latched until overwritten by an AND operation. This is the default operation after the device
emerges from power-up or Reset mode.
Figure 17
OR Operation and Diagnosis
6.1.5
Example: AND Operation and Diagnosis
Sets the
BOL bit to perform an AND operation on the INn signals and their corresponding data bits CHnIN . The
contents of the diagnosis register will be returned during the next SPI access
(see Figure 18). If the AND operation
is programmed, it is latched until overwritten by an OR operation, the device enters Reset mode or becomes shut
down.
Figure 18
AND Operation and Diagnosis
CS
IN2 IN1
F4
F3
F2
F1
IN3
IN4
t
t
t
10
XX
X
X
0
1
XX
XX
X
X
X
X
XX
XX
X
X
X
X
SI
SO
SI word
SI word
Echo Function of SPI
BOL set to OR
Standard Diagnosis
CS
CH3
1 CH30
CH2
1 CH20
CH1
1 CH10
CH4
0
CH4
1
t
t
t
11 CH4
IN CH3IN CH2IN CH1IN
0
0
XX
X
X
XX
X
X
X
X
XX
XX
X
X
SI
SO
OR with INn signals
Standard Diagnosis
CS
CH3
1 CH30
CH2
1 CH20
CH1
1 CH10
CH4
0
CH4
1
t
t
t
11 CH4
IN CH3IN CH2IN CH1IN
1
1
XX
XX
X
X
X
X
XX
XX
XX
X
X
SI
SO
BOL set to AND
11 CH4
IN CH3IN CH2IN CH1IN
1
1
AND with INn signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com