Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2127G Datasheet(PDF) 5 Page - Clare, Inc.

Part # IX2127G
Description  High-Voltage Power MOSFET & IGBT Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IX2127G Datasheet(HTML) 5 Page - Clare, Inc.

  IX2127G Datasheet HTML 1Page - Clare, Inc. IX2127G Datasheet HTML 2Page - Clare, Inc. IX2127G Datasheet HTML 3Page - Clare, Inc. IX2127G Datasheet HTML 4Page - Clare, Inc. IX2127G Datasheet HTML 5Page - Clare, Inc. IX2127G Datasheet HTML 6Page - Clare, Inc. IX2127G Datasheet HTML 7Page - Clare, Inc. IX2127G Datasheet HTML 8Page - Clare, Inc. IX2127G Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IX2127
R01
www.clare.com
5
1.6.3 Logic I/O Specifications
1.6.4 Thermal Specifications
1.7 Timing Characteristics
1.7.1 Typical Connection Diagram
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Logic “1” Input Voltage
VCC=9V to 12V
VIH
3.0
-
-
V
Logic “0” Input Voltage
VCC=9V to 12V
VIL
--
0.8
Logic “1” Input Bias Current
VIN=5V
IIN+
-2.6
15
μA
Logic “0” Input Bias Current
VIN=0V
IIN-
--
-1
FAULT On-Resistance
-
FLT, RON
-72-
Ω
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Thermal Resistance, Junction to Ambient:
8-Lead DIP
-
RθJA
--
125
°C/W
8-Lead SOIC
--
200
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Turn-On Propagation Delay
VCC=VBS=12V,
CL=1nF,
TA=25°C
ton
-100
200
ns
Turn-Off Propagation Delay
toff
-73
200
Turn-On Rise Time
tr
-23
130
Turn-Off Fall Time
tf
-20
65
Start-Up Blanking Delay
tblk
550
766
950
CS Shutdown Propagation Delay
tCS
-220
360
CS to FLT Propagation Delay
tFLT
-236
510
1
2
3
4
5
6
7
8
FAULT
FAULT
V
CC
V
CC
IN
IN
COM
V
B
HO
CS
V
S
R
GATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com