Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2127G Datasheet(PDF) 6 Page - Clare, Inc.

Part # IX2127G
Description  High-Voltage Power MOSFET & IGBT Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

IX2127G Datasheet(HTML) 6 Page - Clare, Inc.

Back Button IX2127G Datasheet HTML 2Page - Clare, Inc. IX2127G Datasheet HTML 3Page - Clare, Inc. IX2127G Datasheet HTML 4Page - Clare, Inc. IX2127G Datasheet HTML 5Page - Clare, Inc. IX2127G Datasheet HTML 6Page - Clare, Inc. IX2127G Datasheet HTML 7Page - Clare, Inc. IX2127G Datasheet HTML 8Page - Clare, Inc. IX2127G Datasheet HTML 9Page - Clare, Inc. IX2127G Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IX2127
6
www.clare.com
R01
1.7.2 I/O Timing Diagram
1.7.3 Switching Time Waveforms
1.7.4 Startup Blanking Time Waveforms
1.7.5 CS Shutdown Waveforms
1.7.6 CS to FLT Waveforms
IN
CS
FAULT
HO
50%
90%
10%
t
on
t
r
t
off
t
f
IN
HO
50%
90%
IN
CS
t
blk
HO
FAULT
90%
CS
HO
V
CS_TH+
t
cs
90%
CS
FAULT
V
CS_TH+
t
flt



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com