Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP6142 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRP6142
Description  Synchronous Step-Down Controller with DDR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6142 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRP6142 Datasheet HTML 3Page - Exar Corporation XRP6142 Datasheet HTML 4Page - Exar Corporation XRP6142 Datasheet HTML 5Page - Exar Corporation XRP6142 Datasheet HTML 6Page - Exar Corporation XRP6142 Datasheet HTML 7Page - Exar Corporation XRP6142 Datasheet HTML 8Page - Exar Corporation XRP6142 Datasheet HTML 9Page - Exar Corporation XRP6142 Datasheet HTML 10Page - Exar Corporation XRP6142 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
X
XR
RP
P6
61
14
42
2
S
Sy
yn
ncch
hrro
on
no
ou
us
s S
Stte
ep
p--D
Do
ow
wn
n C
Co
on
nttrro
olllle
err w
wiitth
h D
DD
DR
R
M
Me
em
mo
orry
y T
Te
errm
miin
na
attiio
on
n
© 2010 Exar Corporation
Page 7 of 17
Rev. 1.0.0
Fig. 10: Frequency versus VIN
Fig. 11: IOCP versus RLIM
Fig. 12: Power-up into a 15A load, VIN=5V, VOUT=2.5V
Fig. 13: Power-down from a 15A load, VIN=5V, VOUT=2.5V
Fig. 14: Steady state, output ripple is 30mV p-p, VOUT=2.5V
Fig. 15: Transient response, 250mV p-p, 15A load step
300
350
400
450
500
3.54.0
4.55.0
5.5
VIN (V)
VCC=5V
IOUT=15A
0
5
10
15
20
25
0.8
1.2
1.6
2.0
RLIM (kΩ)
tested Iocp
calculated Iocp
XRP6142EL2.0-F
XRP6142EL2.0-F
XRP6142EL2.0-F
XRP6142EL2.0-F
XRP6142EL2.0-F
XRP6142EL2.0-F
VIN
5V/DIV
VOUT
2V/DIV
VSW
5V/DIV
IOUT
2V/DIV
VIN
5V/DIV
VOUT
2V/DIV
VSW
5V/DIV
IOUT
2V/DIV
2ms/DIV
2ms/DIV
2μs/DIV
100μs/DIV
VSW
5V/DIV
VOUT
20mV/DIV
AC coupled
IL
10A/DIV
IOUT
10A/DIV
VOUT
100mV/DIV
AC coupled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com