Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP6142 Datasheet (PDF) - Exar Corporation

XRP6142 Datasheet PDF - Exar Corporation
Part # XRP6142
Download  XRP6142 Download
File Size   732.04 Kbytes
Page   17 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Synchronous Step-Down Controller with DDR

XRP6142 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRP6142 Datasheet PDF - Exar Corporation

Part # XRP6142
Download  XRP6142 Click to download

File Size   732.04 Kbytes
Page   17 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Synchronous Step-Down Controller with DDR

XRP6142 Datasheet (HTML) - Exar Corporation


XRP6142 Product details

GENERAL DESCRIPTION
The XRP6142 is a synchronous step down switching controller for over 15 Amps point-ofloads converters and optimized to generate and support DDR I, II and III memory voltages requirements.

FEATURES
• Over 15A Point-of-Load Capable
    − Down to 0.5V Output Voltage Conversion
    − Up to 96% Efficiency
• Wide 1.0V-5.5V Input Voltage Range Conversions
    − Single Input 3.3V and 5V rails Operations
• Constant On-Time Operations
    − Constant Frequency Operations
    − No External Compensation
• DDR I, II & III Termination Support
    − VDDQ/VDD or VTT Voltages Generation
    − Buffered VTT Ref. Voltage Generation
• Soft-Start and Enable Functions
• UVLO, Short Circuit and Over Current Protection
• RoHS Compliant “Green”/Halogen Free 3mm x 3mm 16-Pin QFN Package

APPLICATIONS
• High-Power Point-of-Loads Converters
• Audio-Video Equipments
• FPGA and DSP Power Supplies
• DDR Memory Based Embedded Systems




Similar Part No. - XRP6142

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6142EL2-0-F EXAR-XRP6142EL2-0-F Datasheet
732Kb / 17P
Synchronous Step-Down Controller with DDR Memory Termination
More results


Similar Description - XRP6142

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
logo
Vishay Siliconix
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
Synchronous Step Down Controller
10-Oct-05
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
Synchronous Step Down Controller
10-Oct-05
logo
STMicroelectronics
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
Adjustable step-down controller with synchronous rectification
07-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6731B STMICROELECTRONICS-L6731B Datasheet
351Kb / 24P
Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
26-Jun-2006
L6731D STMICROELECTRONICS-L6731D Datasheet
388Kb / 23P
Adjustable step-down controller with synchronous rectification dedicated to DDR memory
04-Jun-2008
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
logo
Exar Corporation
XRP6142EL2-0-F EXAR-XRP6142EL2-0-F Datasheet
732Kb / 17P
Synchronous Step-Down Controller with DDR Memory Termination
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com