Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC973LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC973LP3
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.5 - 6.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC973LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC973LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC973LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC973LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC973LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC973LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC973LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 3
HMC973LP3E
v00.0910
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, 0.5 - 6.0 GHz
-30
-20
-10
0
0
2
4
6
8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-40
-30
-20
-10
0
0
2
4
6
8
0.0 V
1.0 V
2.0 V
3.0 V
FREQUENCY (GHz)
10
20
30
40
50
60
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
0.0 V
1.0 V
1.6 V
2.0 V
2.6 V
3.4 V
FREQUENCY (GHz)
10
20
30
40
50
60
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Output Return Loss Over Vctrl
Input IP3 Over Vctrl
Input IP3 Over Temperature (Vctrl = 0V)
-30
-20
-10
0
0
2
4
6
8
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-40
-30
-20
-10
0
0
2
4
6
8
0.0 V
1.0 V
2.0 V
3.0 V
FREQUENCY (GHz)
Input Return Loss Over Temperature
(Vctrl = 0)
Output Return Loss Over Temperature
(Vctrl = 0)
Input Return Loss Over Vctrl



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com