Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC973LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC973LP3
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.5 - 6.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC973LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC973LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC973LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC973LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC973LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC973LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC973LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 1
HMC973LP3E
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, 0.5 - 6.0 GHz
v00.0910
General Description
Features
Functional Diagram
excellent Linearity: +35 dBm Input IP3
Wide Attenuation range: 26 dB
single Positive Voltage Control: 0 to +5V
Absorptive topology
16 Lead 3x3mm sMt Package: 9mm²
Electrical Specifications, T
A = +25° C, 50 Ohm system, Vdd = +5V
Typical Applications
the HMC973LP3e is ideal for:
• Point-to-Point radio
• Cellular/3G & WiMAX/4G Infrastructure
• test Instrumentation
• Microwave sensors
• Military, eCM & radar
the HMC973LP3e is an absorptive Voltage Variable
Attenuator (VVA) which operates from 0.5 to 6 GHz
and is ideal in designs where an analog DC control
signal must be used to control rF signal levels over
a 26 dB amplitude range. It features a shunt-type
attenuator controlled by an analog voltage, Vctrl. un-
like other GaAs Fet based VVA’s the HMC973LP3e
exhibits excellent linearity of +35 dBm input IP3,
throughout it’s control range. the HMC973LP3e
is an unidirectional device with optimum linearity
performance achieved when the rF input signal is
applied to the rFIn package lead. the HMC973LP3e
is housed in a roHs compliant 3x3 mm QFn leadless
package.
Parameter
Frequency
Min.
typ.
Max.
units
Insertion Loss
0.5 - 4.0 GHz
4.0 - 6.0 GHz
3.5
5.5
5
8
dB
dB
Attenuation range
0.5 - 3.0 GHz
3.0 - 6.0 GHz
26
28
dB
Input return Loss
0.5 - 6.0 GHz
12
dB
output return Loss
0.5 - 6.0 GHz
10
dB
Input Power for 1 dB Compression (any attenuation)
0.5 - 6.0 GHz
30
dBm
Input third order Intercept
(two-tone Input Power = +5 dBm each tone)
0.5 - 6.0 GHz
35
dBm
supply Current (Idd)
0.5 - 6.0 GHz
200
300
µA


Similar Part No. - HMC973LP3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC973ALP3E AD-HMC973ALP3E Datasheet
1Mb / 8P
GaAs MMIC VOLTAGE VARIABLE ATTENUATOR, 0.5 - 5.0 GHz
More results

Similar Description - HMC973LP3

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV850M1-00 ALPHA-AV850M1-00 Datasheet
77Kb / 2P
18-50 GHz GaAs MMIC Voltage Variable Attenuator
AV850M2-00 ALPHA-AV850M2-00 Datasheet
43Kb / 2P
18-40 GHz GaAs MMIC Voltage Variable Attenuator
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Hittite Microwave Corpo...
HMC712LP3C HITTITE-HMC712LP3C_09 Datasheet
341Kb / 8P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC972LP5E HITTITE-HMC972LP5E Datasheet
1Mb / 10P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC712ALP3C AD-HMC712ALP3C Datasheet
948Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
HMC973ALP3E AD-HMC973ALP3E Datasheet
1Mb / 8P
GaAs MMIC VOLTAGE VARIABLE ATTENUATOR, 0.5 - 5.0 GHz
HMC985A AD-HMC985A Datasheet
835Kb / 10P
GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 20 - 50 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com