Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1069AEUD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1069AEUD
Description  58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1069AEUD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1069AEUD Datasheet HTML 1Page - Maxim Integrated Products MAX1069AEUD Datasheet HTML 2Page - Maxim Integrated Products MAX1069AEUD Datasheet HTML 3Page - Maxim Integrated Products MAX1069AEUD Datasheet HTML 4Page - Maxim Integrated Products MAX1069AEUD Datasheet HTML 5Page - Maxim Integrated Products MAX1069AEUD Datasheet HTML 6Page - Maxim Integrated Products MAX1069AEUD Datasheet HTML 7Page - Maxim Integrated Products MAX1069AEUD Datasheet HTML 8Page - Maxim Integrated Products MAX1069AEUD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
58.6ksps, 14-Bit, 2-Wire Serial ADC
in a 14-Pin TSSOP
________________________________________________________________
Maxim Integrated Products
1
19-2652; Rev 2; 12/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX1069 is a low-power, 14-bit successive-
approximation analog-to-digital converter (ADC). The
device features automatic power-down, an on-chip
4MHz clock, a +4.096V internal reference, and an I2C-
compatible 2-wire serial interface capable of both fast
and high-speed modes.
The MAX1069 operates from a single supply and con-
sumes 5mW at the maximum conversion rate of
58.6ksps. AutoShutdown™ powers down the device
between conversions, reducing supply current to less
than 50µA at a 1ksps throughput rate. The option of a
separate digital supply voltage allows direct interfacing
with +2.7V to +5.5V digital logic.
The MAX1069 performs a unipolar conversion on its
single analog input using its internal 4MHz clock. The
full-scale analog input range is determined by the inter-
nal reference or by an externally applied reference volt-
age ranging from 1V to VAVDD.
The four address select inputs (ADD0–ADD3) allow up
to 16 MAX1069 devices on the same bus.
The MAX1069 is packaged in a 14-pin TSSOP and
offers both commercial and extended temperature
ranges. Refer to the MAX1169 for a 16-bit device in a
pin-compatible package.
Applications
Hand-Held Portable Applications
Medical Instruments
Battery-Powered Test Equipment
Solar-Powered Remote Systems
Receive Signal Strength Indicators
System Supervision
Features
o High-Speed I2C-Compatible Serial Interface
400kHz Fast Mode
1.7MHz High-Speed Mode
o +4.75V to +5.25V Single Supply
o +2.7V to +5.5V Adjustable Logic Level
o Internal +4.096V Reference
o External Reference: 1V to VAVDD
o Internal 4MHz Conversion Clock
o 58.6ksps Sampling Rate
o AutoShutdown Between Conversions
o Low Power
5.0mW at 58.6ksps
4.2mW at 50ksps
2.0mW at 10ksps
0.23mW at 1ksps
3µW in Shutdown
o Small 14-Pin TSSOP Package
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
INL
(LSB)
MAX1069AEUD+
-40°C to +85°C
14 TSSOP
±1
MAX1069BEUD+
-40°C to +85°C
14 TSSOP
±2
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ADD3
REF
REFADJ
AGNDS
ADD2
SDA
SCL
DGND
TOP VIEW
MAX1069
AIN
AGND
AVDD
DVDD
ADD0
ADD1
TSSOP
Pin Configuration
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
+
Denotes a lead(Pb)-free/RoHS-compliant package.


Similar Part No. - MAX1069AEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1069ACUD MAXIM-MAX1069ACUD Datasheet
442Kb / 20P
58.6ksps, 14-Bit, 2-Wire Serial ADC
19-2652; Rev 0; 10/02
More results

Similar Description - MAX1069AEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1069 MAXIM-MAX1069 Datasheet
442Kb / 20P
58.6ksps, 14-Bit, 2-Wire Serial ADC
19-2652; Rev 0; 10/02
logo
International Rectifier
TSSOP-14PIN IRF-TSSOP-14PIN Datasheet
19Kb / 1P
TSSOP Package 14-Pin
logo
Maxim Integrated Produc...
MAX1169N MAXIM-MAX1169N Datasheet
364Kb / 20P
58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 0; 10/02
MAX1169 MAXIM-MAX1169 Datasheet
304Kb / 20P
58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 1; 12/09
MAX1169 MAXIM-MAX1169_10 Datasheet
764Kb / 20P
58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 2; 12/10
logo
Linear Technology
LTC2314-14 LINER-LTC2314-14 Datasheet
984Kb / 20P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2314-14 LINER-LTC2314-14_15 Datasheet
668Kb / 22P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2313-14 LINER-LTC2313-14_15 Datasheet
1Mb / 22P
14-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
14-Bit, 500ksps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com