Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1069AEUD Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX1069AEUD
Description  58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1069AEUD Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX1069AEUD Datasheet HTML 8Page - Maxim Integrated Products MAX1069AEUD Datasheet HTML 9Page - Maxim Integrated Products MAX1069AEUD Datasheet HTML 10Page - Maxim Integrated Products MAX1069AEUD Datasheet HTML 11Page - Maxim Integrated Products MAX1069AEUD Datasheet HTML 12Page - Maxim Integrated Products MAX1069AEUD Datasheet HTML 13Page - Maxim Integrated Products MAX1069AEUD Datasheet HTML 14Page - Maxim Integrated Products MAX1069AEUD Datasheet HTML 15Page - Maxim Integrated Products MAX1069AEUD Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
forming a digital representation of the analog input sig-
nal. During the conversion period, the MAX1069 holds
SCL low (clock stretching).
The time required for the T/H to acquire an input signal
is a function of the analog input source impedance. If
the input signal source impedance is high, lengthen the
acquisition time by reducing fSCL. The MAX1069 pro-
vides two SCL cycles (tACQ), in which the track-and-
hold capacitance must acquire a charge representing
the input signal. Minimize the input source impedance
(RSOURCE) to allow the track-and-hold capacitance to
charge within the allotted time. RSOURCE should be
less than 12.9k
Ω for fSCL = 400kHz and less than 2.4kΩ
58.6ksps, 14-Bit, 2-Wire Serial ADC
in a 14-Pin TSSOP
12
______________________________________________________________________________________
Figure 3. MAX1069 Simplified Functional Diagram
AIN
AGNDS
CONTROL
LOGIC
4MHz
INTERNAL
OSCILLATOR
OUTPUT SHIFT
REGISTER
T/H
SAR
ADC
REF
CLOCK
IN
OUT
+4.096V
REFERENCE
REFADJ
REF
5k
Ω
ADD0
ADD1
ADD2
ADD3
DVDD
AVDD
DGND
SCL
SDA
AGND
8
13
12
11
9
1
2
3
4
5
6
7
10
14
MAX1069
AV = 1.0
Figure 4. Typical Application Circuit
AIN
REF
10
µF
0.1
µF
REFADJ
AGNDS
AVDD
0.1
µF
AGND
DGND
ANALOG
SOURCE
ADD1
ADD0
ADD2
SCL
SDA
DVDD
0.1
µF
3.0V
5.0V
µC
VDD
SDA
SCL
RP
RP
ADD3
VSS
8
13
12
11
14
91
2
3
4
5
6
7
10
I2C ADDRESS IS 0110111
MAX1069



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com