Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1755729 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1755729
Description  PT 1,5/16-PH-5,0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1755729 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1755729 Datasheet HTML 1Page - PHOENIX CONTACT 1755729 Datasheet HTML 2Page - PHOENIX CONTACT 1755729 Datasheet HTML 3Page - PHOENIX CONTACT 1755729 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 4
http://www.phoenixcon.com
Dec 9, 2010
Extract from the online
catalog
 
PT 1,5/16-PH-5,0
Order No.: 1755729
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1755729
 
 
Plug component, Nominal current: 10 A, Rated voltage (III/2): 400 V,
Number of positions: 16, Pitch: 5 mm, Color: green, Metal surface: Sn
 
Commercial data
GTIN (EAN)
4046356335065
sales group
E402
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.01911 KG
Catalog page information
Page 187 (NTK-2010)
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
75 mm
Number of positions
16
Tightening torque, min
0.35 Nm
Tightening torque max
0.4 Nm
Technical data
Range of articles
PT 1,5/..-PH
Insulating material group
I


Similar Part No. - 1755729

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755723 PHOENIX-1755723 Datasheet
97Kb / 3P
Header with side panels, plug-in direction vertical to the p.c.b.
More results

Similar Description - 1755729

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755583 PHOENIX-1755583 Datasheet
125Kb / 4P
PT 1,5/ 2-PH-5,0
1755596 PHOENIX-1755596 Datasheet
97Kb / 4P
PT 1,5/ 3-PH-5,0
1755622 PHOENIX-1755622 Datasheet
97Kb / 4P
PT 1,5/ 6-PH-5,0
1755635 PHOENIX-1755635 Datasheet
97Kb / 4P
PT 1,5/ 7-PH-5,0
1755648 PHOENIX-1755648 Datasheet
97Kb / 4P
PT 1,5/ 8-PH-5,0
1755651 PHOENIX-1755651 Datasheet
97Kb / 4P
PT 1,5/ 9-PH-5,0
1755664 PHOENIX-1755664 Datasheet
96Kb / 4P
PT 1,5/10-PH-5,0
1755693 PHOENIX-1755693 Datasheet
97Kb / 4P
PT 1,5/13-PH-5,0
1755703 PHOENIX-1755703 Datasheet
97Kb / 4P
PT 1,5/14-PH-5,0
1755871 PHOENIX-1755871 Datasheet
97Kb / 4P
PT 1,5/16-PH-5,0 CLIP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com