Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1755729 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1755729
Description  PT 1,5/16-PH-5,0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1755729 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1755729 Datasheet HTML 1Page - PHOENIX CONTACT 1755729 Datasheet HTML 2Page - PHOENIX CONTACT 1755729 Datasheet HTML 3Page - PHOENIX CONTACT 1755729 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PT 1,5/16-PH-5,0 Order No.: 1755729
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1755729
PHOENIX CONTACT Inc., USA
Page 3 / 4
http://www.phoenixcon.com
Dec 9, 2010
Certificates / Approvals
Certification
CUL, UL
CUL
Nominal voltage UN
300 V
Nominal current IN
5 A
AWG/kcmil
28-14
UL
Nominal voltage UN
300 V
Nominal current IN
5 A
AWG/kcmil
28-14
Diagrams/Drawings
Dimensioned drawing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com