Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DACREF Datasheet(PDF) 12 Page - ATMEL Corporation

Part # DACREF
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DACREF Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button DACREF Datasheet HTML 8Page - ATMEL Corporation DACREF Datasheet HTML 9Page - ATMEL Corporation DACREF Datasheet HTML 10Page - ATMEL Corporation DACREF Datasheet HTML 11Page - ATMEL Corporation DACREF Datasheet HTML 12Page - ATMEL Corporation DACREF Datasheet HTML 13Page - ATMEL Corporation DACREF Datasheet HTML 14Page - ATMEL Corporation DACREF Datasheet HTML 15Page - ATMEL Corporation DACREF Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12
AVR32768
32157A-AVR-12/10
8 Digital-to-analog converter
The digital-to-analog converter (DAC) can use either an internal or external voltage
reference. When using an internal voltage reference, DACREF can be GPIO
multiplexed to another function or connected to an internal pull-up.
8.1 DAC connection
Figure 8-1.
DAC connection considerations.
DACREF
DAC0B
DAC0A
1 kΩ
1 kΩ
DC/DC
converter
1.1 to VDDANA-0.3 V
Table 8-1.
Digital-to-analog converter checklist.
Signal name
Recommended pin connection
Description
DACREF
Reference voltage range:
1.1V – (VDDANA-0.3V)
External voltage reference
DAC0A
Minimum load impedance: 1kΩ
Maximum load capacitance: 100pF
Channel A analog output
DAC0B
Minimum load impedance: 1kΩ
Maximum load capacitance: 100pF
Channel B analog output
1.1V to VDDANA-0.3V
Power Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com