Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DACREF Datasheet(PDF) 14 Page - ATMEL Corporation

Part # DACREF
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DACREF Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button DACREF Datasheet HTML 10Page - ATMEL Corporation DACREF Datasheet HTML 11Page - ATMEL Corporation DACREF Datasheet HTML 12Page - ATMEL Corporation DACREF Datasheet HTML 13Page - ATMEL Corporation DACREF Datasheet HTML 14Page - ATMEL Corporation DACREF Datasheet HTML 15Page - ATMEL Corporation DACREF Datasheet HTML 16Page - ATMEL Corporation DACREF Datasheet HTML 17Page - ATMEL Corporation DACREF Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
14
AVR32768
32157A-AVR-12/10
9.3 Device mode, self-powered connection
Figure 9-2.
USB in device mode, self-powered connection example schematic.
USB_VBOF
VBUS
DM
DP
USB_ID
VBUS
D-
D+
ID
GND
39 Ω
39 Ω
Table 9-2.
USB self-powered connection checklist.
Signal name
Recommended pin connection
Description
USB_VBOF
Can be left unconnected
USB power control pin
VBUS
Directly to connector
USB power pin
DM
39Ω series resistor
Placed as close as possible to DM
pin
Negative differential data line
DP
39Ω series resistor
Placed as close as possible to DP
pin
Positive differential data line
USB_ID
Can be used as GPIO if not used
USB connector identification pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com