Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S2002 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SL2S2002
Description  ICODE SLIX a product family of smart label ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2002 Datasheet(HTML) 2 Page - NXP Semiconductors

  SL2S2002 Datasheet HTML 1Page - NXP Semiconductors SL2S2002 Datasheet HTML 2Page - NXP Semiconductors SL2S2002 Datasheet HTML 3Page - NXP Semiconductors SL2S2002 Datasheet HTML 4Page - NXP Semiconductors SL2S2002 Datasheet HTML 5Page - NXP Semiconductors SL2S2002 Datasheet HTML 6Page - NXP Semiconductors SL2S2002 Datasheet HTML 7Page - NXP Semiconductors SL2S2002 Datasheet HTML 8Page - NXP Semiconductors SL2S2002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SL2S2002_SL2S2102_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 10 January 2011
198332
2 of 13
NXP Semiconductors
SL2S2002; SL2S2102
ICODE SLIX
2.
Features and benefits
2.1 ICODE SLIX RF interface (ISO/IEC 15693)
Contactless transmission of data and supply energy (no battery needed)
Operating distance: up to 1.5 m (depending on antenna geometry)
Operating frequency: 13.56 MHz (ISM, world-wide licence freely available)
Fast data transfer: up to 53 kbit/s
High data integrity: 16-bit CRC, framing
True anticollision
Password protected Electronic Article Surveillance (EAS)
Password protected Application Family Identifier (AFI)
Data Storage Format IDentifier (DSFID)
Additional fast anticollision read
Write distance equal to read distance
2.2 EEPROM
1024 bits, organized in 32 blocks of 4 bytes each
50 years data retention
Write endurance of 100000 cycles
2.3 Security
Unique identifier for each device
Lock mechanism for each user memory block (write protection)
Lock mechanism for DSFID, AFI, EAS
Password (32-bit) protected EAS and AFI functionality
3.
Applications
Libraries
Item level tagging in pharmaceutical supply chains
Counterfeit protection for consumer goods
Industrial applications
Asset and document tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com