Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S2002 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SL2S2002
Description  ICODE SLIX a product family of smart label ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2002 Datasheet(HTML) 3 Page - NXP Semiconductors

  SL2S2002 Datasheet HTML 1Page - NXP Semiconductors SL2S2002 Datasheet HTML 2Page - NXP Semiconductors SL2S2002 Datasheet HTML 3Page - NXP Semiconductors SL2S2002 Datasheet HTML 4Page - NXP Semiconductors SL2S2002 Datasheet HTML 5Page - NXP Semiconductors SL2S2002 Datasheet HTML 6Page - NXP Semiconductors SL2S2002 Datasheet HTML 7Page - NXP Semiconductors SL2S2002 Datasheet HTML 8Page - NXP Semiconductors SL2S2002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SL2S2002_SL2S2102_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 10 January 2011
198332
3 of 13
NXP Semiconductors
SL2S2002; SL2S2102
ICODE SLIX
4.
Quick reference data
[1]
Bandwidth limitation (
± 7 kHz) according to ISM band regulations.
[2]
Measured with an HP4285A LCR meter at 13.56 MHz and 2 V RMS.
5.
Ordering information
Table 1.
Quick reference data
Typical ratings are not guaranteed. The values listed are at room temperature.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Wafer EEPROM characteristics
tret
retention time
Tamb ≤ 55 °C
50
--year
Nendu(W)
write endurance
100000
-
-
cycle
Interface characteristics
fi
input frequency
[1] 13.553
13.56
13.567
MHz
Ci
input capacitance
between LA and LB
[2]
SL2S2002FUD
SL2S2002FTB
22.3
23.5
24.7
pF
SL2S2102FUD
SL2S2102FTB
92
97
102
pF
Table 2.
Ordering information
Type number
Package
Version
Name
Description
SL2S2002FUD
wafer
sawn, bumped wafer, 120
μm, on film frame carrier,
Ci between LA and LB = 23.5 pF (typical)
-
SL2S2102FUD
wafer
sawn, bumped wafer, 120
μm, on film frame carrier,
Ci between LA and LB = 97 pF (typical)
-
SL2S2002FTB
XSON3
plastic extremely thin small outline package; no leads;
3 terminals; body 1 x 1.45 x 0.5 mm;
Ci between LA and LB = 23.5 pF (typical)
SOT1122
SL2S2102FTB
XSON3
plastic extremely thin small outline package; no leads;
3 terminals; body 1 x 1.45 x 0.5 mm;
Ci between LA and LB = 97 pF (typical)
SOT1122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com