Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S2002FUD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SL2S2002FUD
Description  ICODE SLIX a product family of smart label ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2002FUD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SL2S2002FUD Datasheet HTML 2Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 3Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 4Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 5Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 6Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 7Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 8Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 9Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SL2S2002_SL2S2102_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 10 January 2011
198332
6 of 13
NXP Semiconductors
SL2S2002; SL2S2102
ICODE SLIX
Blocks 0 to 27 can be addressed with read and write commands only.
7.2.1 Unique identifier
The 64-bit unique identifier (UID) is programmed during the production process according
to ISO/IEC 15693-3 and cannot be changed afterwards.
The 64 bits are numbered according to ISO/IEC 15693-3 starting with LSB 1 and ending
with MSB 64. This is in contrast to the general used bit numbering within a byte.
The TAG type is a part of the UID (bit 41 to 48, next to the manufacturer code which is
“04h” for NXP Semiconductors).
The TAG type of the ICODE SLIX IC is “01h”.
Bit 37 is set to logic 1 for the ICODE SLIX IC which indicates that this type supports the
password protected EAS/AFI feature (not supported by ICODE SLI SL2ICS2001 with
bit 37 set to logic 0).
Table 3.
Memory organization
Block
Byte 0
Byte 1
Byte 2
Byte 3
Description
Configuration area for
internal use
0
User memory:
28 blocks,
4 bytes each,
112 bytes in total.
1
2
::
:::
25
26
27
Table 4.
Unique identifier
MSB
LSB
64:57
56:49
48:41
40:1
“E0”
“04”
“01”
IC manufacturer serial number
UID 7
UID 6
UID 5
UID 4
UID 3
UID 2
UID 1
UID 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com