Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2S2002FUD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SL2S2002FUD
Description  ICODE SLIX a product family of smart label ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S2002FUD Datasheet(HTML) 1 Page - NXP Semiconductors

  SL2S2002FUD Datasheet HTML 1Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 2Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 3Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 4Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 5Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 6Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 7Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 8Page - NXP Semiconductors SL2S2002FUD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
General description
The ICODE SLIX IC is a dedicated chip for intelligent label applications such as libraries,
product authentication in different industries such as pharmaceutical, medical devices and
alcohol, as well as production management in different areas of the industry. This IC is the
third generation of a product family of smart label ICs based on the ISO standards
ISO/IEC 15693 (Ref. 1) and ISO/IEC 18000-3 (Ref. 4), prolonging a successful story of
NXP in the field of vicinity identification systems.
The ICODE system offers the possibility of operating labels simultaneously in the field of
the reader antenna (anticollision). It is designed for long range applications.
1.1 Contactless energy and data transfer
Whenever connected to a very simple and easy-to-produce type of antenna (as a result of
the 13.56 MHz carrier frequency) made out of a few windings printed, winded, etched or
punched coil, the ICODE SLIX IC can be operated without line of sight up to a distance of
1.5 m (gate width). No battery is needed. When the smart label is positioned in the field of
an interrogator antenna, the high speed RF communication interface enables data to be
transmitted up to 53 kbit/s.
1.2 Anticollision
An intelligent anticollision function enables several tags to operate in the field
simultaneously. The anticollision algorithm selects each tag individually and ensures that
the execution of a transaction with a selected tag is performed correctly without data
corruption resulting from other tags in the field.
1.3 Security and privacy aspects
• Unique IDentifier (UID):
The UID cannot be altered and guarantees the uniqueness of each label.
• Password protected EAS and AFI functionality:
The 32-bit EAS/AFI password enables the addressed label to be set in a mode where
the EAS status and the AFI value can only be changed if the correct EAS/AFI
password is transmitted to the label within the mentioned commands.
SL2S2002; SL2S2102
ICODE SLIX
Rev. 3.2 — 10 January 2011
198332
Product short data sheet
PUBLIC


Similar Part No. - SL2S2002FUD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL2S2602 NXP-SL2S2602 Datasheet
491Kb / 55P
ICODE SLIX2
Rev. 4.1-25 July 2017
SL2S2602FA8 NXP-SL2S2602FA8 Datasheet
491Kb / 55P
ICODE SLIX2
Rev. 4.1-25 July 2017
SL2S2602FUD NXP-SL2S2602FUD Datasheet
491Kb / 55P
ICODE SLIX2
Rev. 4.1-25 July 2017
SL2S2602FUDBG NXP-SL2S2602FUDBG Datasheet
491Kb / 55P
ICODE SLIX2
Rev. 4.1-25 July 2017
More results

Similar Description - SL2S2002FUD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
TB406 INTERSIL-TB406 Datasheet
16Kb / 1P
Proper Termination of Inputs to the HIP408x Family of Driver ICs
February 2003
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
a member of the M68HC05 family of HCMOS
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
Product Family Specification
logo
STMicroelectronics
PM0222 STMICROELECTRONICS-PM0222 Datasheet
388Kb / 33P
Brain smart hub family
06-Feb-2014
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
DrMOS Product Family
2015-04-23,Rev.2.0
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
e쨌MMC Product family
logo
NXP Semiconductors
SL2S1402 NXP-SL2S1402 Datasheet
314Kb / 33P
ICODE ILT
Rev. 3.3-15 October 2019
SL2S5002 NXP-SL2S5002 Datasheet
169Kb / 35P
ICODE SLIX-L
Rev. 3.4-27 August 2012
SL2S5302 NXP-SL2S5302 Datasheet
173Kb / 35P
ICODE SLIX-S
Rev. 3.2-27 August 2012
SL2S6002 NXP-SL2S6002 Datasheet
218Kb / 14P
ICODE DNA
Rev. 3.0 ??16 June 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com