Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QFN52 Datasheet(PDF) 1 Page - ON Semiconductor

Part # QFN52
Description  CONTROLLING DIMENSION MILLIMETERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

QFN52 Datasheet(HTML) 1 Page - ON Semiconductor

  QFN52 Datasheet HTML 1Page - ON Semiconductor QFN52 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Semiconductor Components Industries, LLC, 2002
October, 2002 − Rev. 01O
1
Case Outline Number:
485M
QFN52 8x8, 0.5P
CASE 485M−01
ISSUE C
DATE 16 FEB 2010
C
0.15
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.25 AND 0.30
MM FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
D
E
B
C
0.08
A1
A3
A
D2
L
NOTE 3
C
0.15
2X
2X
SEATING PLANE
C
0.10
A2
C
E2
52 X
e
1
13
14
26
27
39
40
52
b
52 X
A
0.10
B
C
0.05 C
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A2
0.60
0.80
A3
0.20 REF
b
0.18
0.30
D
8.00 BSC
D2
6.50
6.80
E
8.00 BSC
E2
6.50
6.80
e
0.50 BSC
K
0.20
---
REF
K
52 X
152
XXXXXXXXX = Device Code
A
= Assembly Site
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
XXXXXXXXX
XXXXXXXXX
AWLYYWWG
L
0.30
0.50
SCALE 2:1
1
GENERIC MARKING
DIAGRAM
PIN ONE
REFERENCE
SOLDERING FOOTPRINT
DIMENSIONS: MILLIMETERS
8.30
6.75
6.75
0.50
0.62
0.30
52X
52X
PITCH
8.30
PKG
OUTLINE
RECOMMENDED
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
http://onsemi.com
1
© Semiconductor Components Industries, LLC, 2002
October, 2002 − Rev. 0
Case Outline Number:
XXX
DOCUMENT NUMBER:
STATUS:
NEW STANDARD:
DESCRIPTION:
98AON12057D
ON SEMICONDUCTOR STANDARD
52 PIN QFN, 8X8, 0.5P
Electronic versions are uncontrolled except when
accessed directly from the Document Repository. Printed
versions are uncontrolled except when stamped
“CONTROLLED COPY” in red.
PAGE 1 OF 2


Similar Part No. - QFN52

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
QFN5X5-20 GMT-QFN5X5-20 Datasheet
127Kb / 1P
Package Outline
QFN5X5-28 GMT-QFN5X5-28 Datasheet
190Kb / 1P
Package Outline
QFN5X5-32 GMT-QFN5X5-32 Datasheet
189Kb / 1P
Package Outline
QFN5X5-40 GMT-QFN5X5-40 Datasheet
128Kb / 1P
Package Outline
More results

Similar Description - QFN52

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SC-88A ONSEMI-SC-88A Datasheet
67Kb / 2P
CONTROLLING DIMENSION INCH.
July, 2010 ??Rev. 02K
logo
Alpha & Omega Semicondu...
DFN1.2X1.1_6L AOSMD-DFN1.2X1.1_6L Datasheet
64Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN1.8X1.4A_10L AOSMD-QFN1.8X1.4A_10L Datasheet
73Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN2.1X1.6_10L AOSMD-QFN2.1X1.6_10L Datasheet
77Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN2.6X1.8_16L AOSMD-QFN2.6X1.8_16L Datasheet
66Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
QFN3X3_16L AOSMD-QFN3X3_16L Datasheet
74Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
TO220 AOSMD-TO220 Datasheet
98Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
TO247 AOSMD-TO247 Datasheet
50Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER.
logo
Ironwood Electronics.
LS-BGA56H-05 IRONWOOD-LS-BGA56H-05 Datasheet
170Kb / 1P
Primary dimension units are millimeters
LS-BGA324B-05 IRONWOOD-LS-BGA324B-05 Datasheet
107Kb / 1P
Primary dimension units are millimeters,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com