Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF246 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLF246
Description  VHF POWER MOSFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLF246 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLF246 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL MAXIMUM
UNITS
BVDSS
ID = 50 mA
65
V
IDSS
VDS = 28 V
VGS = 0 V
2.5
mA
IGSS
VDS = 0 V
VGS =
±20 V
1.0
µµµµA
VGS(th)
VDS = 10 V
ID = 50 mA
2.0
4.5
V
gfs
VDS = 10 V
ID = 2.5 A
3.0
4.2
S
RDS(on)
VGS = 10 V
ID = 5.0 A
0.2
0.3
Ω
Ω
Ω
Ω
Cis
Cos
Crs
VDS = 28 V
VGS = 0 V
f = 1.0 MHz
225
180
25
pF
PG
ηηηη
D
VDS = 28 V
Pout = 80 W
f = 108 MHz
IDQ = 0.1 A
16
55
dB
%
VHF POWER MOSFET
N-Channel Enhancement Mode
BLF246
PACKAGE STYLE .380 4L FLG
1 = DRAIN
2 = GATE
3&4 = SOURCE
DESCRIPTION:
The
ASI BLF246 is a vertical D-MOS
transistor designed for large signal
amplifier applications in the VHF
frequency range.
FEATURES INCLUDE:
• PG = 13 dB Typical at 175 MHz
• 30:1 Load VSWR Capability
• Omnigold™ metalization system
MAXIMUM RATINGS
ID
13 A
VDS
65 V
VGS
± 20 V
PDISS
130 W @ TC = 25 °C
TJ
-65 °C to +150 °C
TSTG
-65 °C to +200 °C
θθθθ
JC
1.35 °C/W


Similar Part No. - BLF246

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF246 PHILIPS-BLF246 Datasheet
86Kb / 12P
VHF power MOS transistor
1996 Oct 21
BLF246 NXP-BLF246 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
New Jersey Semi-Conduct...
BLF246 NJSEMI-BLF246 Datasheet
137Kb / 4P
VHP power MOS transistor
logo
Quanzhou Jinmei Electro...
BLF246 JMNIC-BLF246 Datasheet
75Kb / 12P
VHF power MOS transistor
logo
NXP Semiconductors
BLF246B PHILIPS-BLF246B Datasheet
88Kb / 16P
VHF push-pull power MOS transistor
2000 Feb 04
More results

Similar Description - BLF246

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
BLF145 ASI-BLF145 Datasheet
21Kb / 1P
VHF POWER MOSFET
BLF248 ASI-BLF248 Datasheet
22Kb / 1P
VHF POWER MOSFET
REV. A
BLF278 ASI-BLF278 Datasheet
103Kb / 7P
VHF POWER MOSFET
REV. B
MRF134 ASI-MRF134 Datasheet
19Kb / 1P
VHF POWER MOSFET
MRF134-39 ASI-MRF134-39 Datasheet
49Kb / 1P
VHF POWER MOSFET
VFT5-28 ASI-VFT5-28_07 Datasheet
38Kb / 2P
VHF POWER MOSFET
VFT15-28 ASI-VFT15-28_07 Datasheet
45Kb / 3P
VHF POWER MOSFET
VFT45-28 ASI-VFT45-28_07 Datasheet
44Kb / 2P
VHF POWER MOSFET
VFT150-50 ASI-VFT150-50_07 Datasheet
63Kb / 3P
VHF POWER MOSFET
VFT300-28 ASI-VFT300-28_07 Datasheet
39Kb / 1P
VHF POWER MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com