Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPP60R099CP Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPP60R099CP
Description  CoolMOSTM Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP60R099CP Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPP60R099CP_07 Datasheet HTML 2Page - Infineon Technologies AG IPP60R099CP_07 Datasheet HTML 3Page - Infineon Technologies AG IPP60R099CP_07 Datasheet HTML 4Page - Infineon Technologies AG IPP60R099CP_07 Datasheet HTML 5Page - Infineon Technologies AG IPP60R099CP_07 Datasheet HTML 6Page - Infineon Technologies AG IPP60R099CP_07 Datasheet HTML 7Page - Infineon Technologies AG IPP60R099CP_07 Datasheet HTML 8Page - Infineon Technologies AG IPP60R099CP_07 Datasheet HTML 9Page - Infineon Technologies AG IPP60R099CP_07 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IPP60R099CP
9 Typ. gate charge
10 Forward characteristics of reverse diode
V GS=f(Q gate); I D=18 A pulsed
I F=f(V SD)
parameter: V DD
parameter: T j
11 Avalanche energy
12 Drain-source breakdown voltage
E AS=f(T j); I D=11 A; V DD=50 V
V BR(DSS)=f(T j); I D=0.25 mA
25 °C
150 °C
25 °C, 98%
150 °C, 98%
10
2
10
1
10
0
10
-1
0
0.5
1
1.5
2
V SD [V]
120 V
400 V
0
2
4
6
8
10
0
102030
405060
Q gate [nC]
540
580
620
660
700
-60
-20
20
60
100
140
180
T j [°C]
0
250
500
750
1000
20
60
100
140
180
T j [°C]
Rev. 2.2
page 6
2007-08-28



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com