Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPP60R099CP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPP60R099CP
Description  CoolMOSTM Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP60R099CP Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPP60R099CP_07 Datasheet HTML 1Page - Infineon Technologies AG IPP60R099CP_07 Datasheet HTML 2Page - Infineon Technologies AG IPP60R099CP_07 Datasheet HTML 3Page - Infineon Technologies AG IPP60R099CP_07 Datasheet HTML 4Page - Infineon Technologies AG IPP60R099CP_07 Datasheet HTML 5Page - Infineon Technologies AG IPP60R099CP_07 Datasheet HTML 6Page - Infineon Technologies AG IPP60R099CP_07 Datasheet HTML 7Page - Infineon Technologies AG IPP60R099CP_07 Datasheet HTML 8Page - Infineon Technologies AG IPP60R099CP_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IPP60R099CP
CoolMOS
TM Power Transistor
Features
• Worldwide best R ds,on in TO220
• Ultra low gate charge
• Extreme dv/dt rated
• High peak current capability
• Qualified according to JEDEC
1) for target applications
• Pb-free lead plating; RoHS compliant
CoolMOS CP is specially designed for:
• Hard switching SMPS topologies for Server and Telecon
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
A
T C=100 °C
Pulsed drain current
2)
I D,pulse
T C=25 °C
Avalanche energy, single pulse
E AS
I D=11 A, V DD=50 V
800
mJ
Avalanche energy, repetitive t AR
2),3)
E AR
I D=11 A, V DD=50 V
Avalanche current, repetitive t AR
2),3)
I AR
A
MOSFET dv /dt ruggedness
dv /dt
V DS=0...480 V
V/ns
Gate source voltage
V GS
static
V
AC (f >1 Hz)
Power dissipation
P tot
T C=25 °C
W
Operating and storage temperature
T j, T stg
°C
Mounting torque
M3 and M3.5 screws
60
Ncm
Value
31
19
93
±30
255
-55 ... 150
1.2
11
50
±20
V DS @ Tj,max
650
V
R DS(on),max
0.099
Ω
Q g,typ
60
nC
Product Summary
PG-TO220
Type
Package
Ordering Code
Marking
IPP60R099CP
PG-TO220
SP000057021
6R099
Rev. 2.2
page 1
2007-08-28


Similar Part No. - IPP60R099CP_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP60R099CPA INFINEON-IPP60R099CPA Datasheet
306Kb / 11P
CoolMOS Power Transistor
Rev. 2.2 2009-11-25
More results

Similar Description - IPP60R099CP_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW50R140CP INFINEON-IPW50R140CP Datasheet
361Kb / 10P
CoolMOSTM Power Transistor
Rev. 1.01 2007-02-06
SPA06N80C3 INFINEON-SPA06N80C3_08 Datasheet
375Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.9 2008-10-15
IPD50R399CP INFINEON-IPD50R399CP Datasheet
311Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.0 2007-11-21
IPI60R125CP INFINEON-IPI60R125CP Datasheet
274Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.0 2007-11-20
IPI60R250CP INFINEON-IPI60R250CP Datasheet
280Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.1 2009-04-01
IPP50R250CP INFINEON-IPP50R250CP Datasheet
281Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.0 2007-11-06
IPP60R250CP INFINEON-IPP60R250CP Datasheet
281Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.0 2008-07-11
SPD06N60C3 INFINEON-SPD06N60C3_08 Datasheet
642Kb / 11P
CoolMOSTM Power Transistor
Rev. 1.5 2008-04-11
SPA06N60C3 INFINEON-SPA06N60C3_10 Datasheet
227Kb / 11P
CoolMOSTM Power Transistor
Rev. 1.3 2010-12-21
IPD80R2K7C3A INFINEON-IPD80R2K7C3A Datasheet
516Kb / 10P
CoolMOSTM Power Transistor
Final Data Sheet, Rev. 1.1 2013-11-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com