Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11LP12 Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST11LP12
Description  4.9-5.8 GHz High-Linearity Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST11LP12 Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST11LP12 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Data Sheet
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12
©2010 Silicon Storage Technology, Inc.
S71278-04-000
12/10
ELECTRICAL SPECIFICATIONS
The AC and DC specifications for the power amplifier interface signals. Refer to Table 2 for the DC voltage and current spec-
ifications. Refer to Figures 3 through 8 for the RF performance.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Supply Voltage at pins 4, 14, 15, 16 (VCC).............................................. -0.3V to +4.8V
DC supply current (ICC) ................................................................. 500 mA
Operating Temperature (TA) ....................................................... -40ºC to +85ºC
Storage Temperature (TSTG) ...................................................... -40ºC to +120ºC
Maximum Junction Temperature (TJ)....................................................... +150ºC
Surface Mount Solder Reflow Temperature....................................... 260°C for 10 seconds
OPERATING RANGE
Range
Ambient Temp
VCC
Industrial
-40°C to +85°C
3.3V
TABLE 2: DC Electrical Characteristics
Symbol
Parameter
Min.
Typ
Max.
Unit
Test Conditions
VCC
Supply Voltage at pins 4, 14, 15, 16
2.7
3.3
3.6
V
ICC
Supply Current @ POUT = 23 dBm at VCC = 3.3V
400
mA
ICQ
VCC quiescent current
150
mA
IOFF
Shut down current
<1.0
µA
VREG
Reference Voltage for recommended application
2.85
3.0
V
T2.0 1278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com