Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST11LP12 Datasheet(PDF) 12 Page - Silicon Storage Technology, Inc

Part # SST11LP12
Description  4.9-5.8 GHz High-Linearity Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST11LP12 Datasheet(HTML) 12 Page - Silicon Storage Technology, Inc

Back Button SST11LP12 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST11LP12 Datasheet HTML 12Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
Data Sheet
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12
©2010 Silicon Storage Technology, Inc.
S71278-04-000
12/10
PACKAGING DIAGRAMS
FIGURE 10: 16-contact Very-thin Quad Flat No-lead (WQFN)
SST Package Code: QC
TABLE 5: Revision History
Revision
Description
Date
00
•
S71278: SST conversion of data sheet GP1112
Jan 2005
01
•
Corrected the spectrum mask value in “Product Description” on page 1 to read
802.11a
•
Corrected the solder reflow temperature under “Absolute Maximum Stress Ratings”
on page 4
•
Updated sales and marketing contact information
•
Changed VQFN to WQFN
•
Updated Product Ordering information
•
Updated Table 3 on page 5.
Jan 2006
02
•
Updated document status from Preliminary Specifications to Data Sheet
Mar 2008
03
•
Revised gain values in “Features:” and “Product Description” on page 1 and in
Table 3 on page 5
•
Updated “” on page 12
Feb 2009
04
•
Updated Features, Table 2, Table 3, Table 4, and Figures 4-9 to indicate improved
RF performance.
Dec 2010
Note: 1. Complies with JEDEC JEP95 MO-220J, variant WEED-4 except external paddle nominal dimensions.
2. From the bottom view, the pin 1 indicator ma y be either a 45-degree chamfer or a half-circle notch.
3. The external paddle is electrically connected to the die back-side and possibly to certain VSS leads.
This paddle can be soldered to the PC board it is suggested to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential can result in shorts and/or electrical malfunction of the device.
4. Untoleranced dimensions are nominal target dimensions.
5. All linear dimensions are in millimeters (max/min).
16-wqfn-3x3-QC-0.3
1.7
0.5 BSC
See notes
2and 3
Pin 1
0.30
0.18
0.075
1.7
0.2
0.05 Max
0.45
0.35
0.80
0.70
Pin 1
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1mm
3.00
0.075
3.00
0.075
Silicon Storage Technology, Inc.
www.SuperFlash.com or www.sst.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com