Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA2000 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA2000
Description  Audio Level Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2000 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA2000 Datasheet HTML 1Page - Sanyo Semicon Device LA2000 Datasheet HTML 2Page - Sanyo Semicon Device LA2000 Datasheet HTML 3Page - Sanyo Semicon Device LA2000 Datasheet HTML 4Page - Sanyo Semicon Device LA2000 Datasheet HTML 5Page - Sanyo Semicon Device LA2000 Datasheet HTML 6Page - Sanyo Semicon Device LA2000 Datasheet HTML 7Page - Sanyo Semicon Device LA2000 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Operating voltage range
VCC op
3.5 to 14
V
Electrical Characteristics at Ta = 25°C, VCC =9.0 V,f=1kHz
Parameter
Symbol
Conditions
min
typ
max
Unit
Circuit current
ICC
f = 1 kHz, VIN = –45 dB
6
12
mA
Output transistor saturating
voltage
VCE (sat)
I6 = 600 mA
1.5
2.5
V
Output diode forward voltage
VF
IF = 600 mA
1.5
2.0
V
Output-off level in input
equivalent
VIN
f = 1 kHz
–43
–50
–54
dBm
Comparator-on level
VTH-H
3.0
3.5
4.0
V
Comparator-off level
VTH-L
1.8
2.2
2.6
V
Pin 8 high level
V8 pin
0.45
0.55
V
Output transistor leakage
current
IL-TR
100
µA
Output diode leakage current
IL-Di
100
µA
1.
Description of external parts
C1
Input coupling capacitor
0.47 to 2.2 µF recommended.
C2
NF capacitor
Capacitance is reduced, so the off level in input equivalent becomes lower in
the bass frequency range. We recommend 1 to 10 µF.
C3, R1
For designation of time delays
Any time delay can be obtained by adequate choice of C3 and R1. We
recommend 150 k to 500 k
Ω for R1.
C4, R3
Power supply ripple filter
R2
Bias resistor
For diode when pin 8 is used to drive external transistors. A 1 k
Ω resistor is
recommended.
2.
Individual pins and their operations
As shown above, when input level is raised and the pin 2 voltage reaches the VTH-H level of the comparator, pins 6 and 8 turn
over. (VIN = –45 dBm).
.
Pin 6 is for driving plungers, When it is on the ‘‘L’’ side, pin 6 turns on and can draw current up to 600 mA maximum
(restricted by duty-cycle chart). It is not to be on continuously for more than 3 seconds.
.
Pin 7 is a diode that prevents reverse voltages induced when the plunger is turned off from on.
.
Pin 8 functions in phase with pin 6 and can drive external transistors (such as for MUTE ).
Input signal level, VIN – dBm
VIN
LA2000
No.982-2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com